Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2717GR Datasheet(PDF) 3 Page - NEC

Part # UPA2717GR
Description  SWITCHING P-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2717GR Datasheet(HTML) 3 Page - NEC

  UPA2717GR Datasheet HTML 1Page - NEC UPA2717GR Datasheet HTML 2Page - NEC UPA2717GR Datasheet HTML 3Page - NEC UPA2717GR Datasheet HTML 4Page - NEC UPA2717GR Datasheet HTML 5Page - NEC UPA2717GR Datasheet HTML 6Page - NEC UPA2717GR Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet G16950EJ1V0DS
3
µ PA2717GR
TYPICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100 125
150 175
TA - Ambient Temperature -
°C
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
25
50
75
100 125 150 175
Mounted on ceramic substrate of
1200 mm
2 x 2.2 mm
TA - Ambient Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
- 0.01
- 0.1
- 1
- 10
- 100
- 1000
- 0.01
- 0.1
- 1
- 10
- 100
ID(pulse)
Power Dissipation Limited
ID(DC)
PW = 100
µs
1 ms
DC
RDS(on) Limited
(at VGS = 10 V)
TA = 25°C
Single pulse
Mounted on ceramic substrate of
1200 mm
2 x 2.2 mm
10 ms
100 ms
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
TA = 25°C, Single pulse
Rth(ch-A)1: Mounted on ceramic substrate of 1200 mm
2 x 2.2 mm
Rth(ch-A)2: Mounted on glass epoxy board of 1 inch x 1 inch x 0.8 mm
Rth(ch-A)2
Rth(ch-A)1
PW - Pulse Width - s
100
µ
1 m
10 m
100 m
1
10
100
1000


Similar Part No. - UPA2717GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2717GR RENESAS-UPA2717GR Datasheet
362Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - UPA2717GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
logo
NEC
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1772 NEC-UPA1772 Datasheet
67Kb / 6P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P04SLG RENESAS-NP20P04SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com