Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2707GR-E2 Datasheet(PDF) 1 Page - NEC

Part # UPA2707GR-E2
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA2707GR-E2 Datasheet(HTML) 1 Page - NEC

  UPA2707GR-E2 Datasheet HTML 1Page - NEC UPA2707GR-E2 Datasheet HTML 2Page - NEC UPA2707GR-E2 Datasheet HTML 3Page - NEC UPA2707GR-E2 Datasheet HTML 4Page - NEC UPA2707GR-E2 Datasheet HTML 5Page - NEC UPA2707GR-E2 Datasheet HTML 6Page - NEC UPA2707GR-E2 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
µ PA2707GR
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. G17032EJ1V0DS00 (1st edition)
Date Published June 2005 NS CP(K)
Printed in Japan
2004
DESCRIPTION
The µ PA2707GR is N-channel MOS Field Effect
Transistor designed for DC/DC converter and power
management applications of notebook computer.
FEATURES
• Low on-state resistance
RDS(on)1 = 4.3 m
Ω MAX. (VGS = 10 V, ID = 9.0 A)
RDS(on)2 = 5.6 m
Ω MAX. (VGS = 4.5 V, ID = 9.0 A)
• Low Ciss: Ciss = 6600 pF TYP. (VDS = 10 V, VGS = 0 V)
• Small and surface mount package (Power SOP8)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, All terminals are connected.)
Drain to Source Voltage (VGS = 0 V)
VDSS
30
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±20
V
Drain Current (DC)
ID(DC)
±19
A
Drain Current (pulse)
Note1
ID(pulse)
±76
A
Total Power Dissipation
Note2
PT1
1.1
W
Total Power Dissipation (PW = 10 sec)
Note2
PT2
2.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note3
IAS
19
A
Single Avalanche Energy
Note3
EAS
36
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on glass epoxy board of 1 inch x 1 inch x 0.8 mm
3. Starting Tch = 25°C, VDD = 15 V, RG = 25
Ω, L = 100
µH, VGS = 20 → 0 V
THERMAL RESISTANCE
Channel to Ambient
Note
Rth(ch-A)
114
°C/W
Channel to Drain Lead
Note
Rth(ch-L)
22
°C/W
Note Mounted on glass epoxy board of 1 inch x 1 inch x 0.8 mm
ORDERING INFORMATION
PART NUMBER
PACKAGE
µ PA2707GR-E1
Power SOP8
µ PA2707GR-E1-A
Note
Power SOP8
µ PA2707GR-E2
Power SOP8
µ PA2707GR-E2-A
Note
Power SOP8
Note Pb-free (This product does not contain Pb in
external electrode and other parts.)


Similar Part No. - UPA2707GR-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2707GR-E2 RENESAS-UPA2707GR-E2 Datasheet
365Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2707GR-E2-A RENESAS-UPA2707GR-E2-A Datasheet
365Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - UPA2707GR-E2

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com