Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1917 Datasheet(PDF) 4 Page - NEC

Part # UPA1917
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1917 Datasheet(HTML) 4 Page - NEC

  UPA1917 Datasheet HTML 1Page - NEC UPA1917 Datasheet HTML 2Page - NEC UPA1917 Datasheet HTML 3Page - NEC UPA1917 Datasheet HTML 4Page - NEC UPA1917 Datasheet HTML 5Page - NEC UPA1917 Datasheet HTML 6Page - NEC UPA1917 Datasheet HTML 7Page - NEC UPA1917 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G15925EJ1V0DS
4
µµµµPA1917
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
- 4
- 8
- 12
- 16
- 20
0
-0.2
-0.4
-0.6
-0.8
-1
Pulsed
−1.8 V
VGS =
− 4.5 V
− 2.5 V
-0.00001
-0.0001
-0.001
-0.01
-0.1
-1
-10
-100
0
-1-2-3
Pulsed
VDS =
−10 V
TA = 125
°C
75
°C
25
°C
−25°C
VDS - Drain to Source Voltage - V
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
-0.3
-0.8
-1.3
-50
0
50
100
150
VDS =
−10 V
ID =
−1 mA
0.01
0.1
1
10
100
-0.01
-0.1
-1
-10
-100
Pulsed
VDS =
−10 V
TA =
−25°C
25
°C
75
°C
125
°C
Tch - Channel Temperature -
°CID - Drain Current - A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs DRAIN CURRENT
DRAIN TO SOURCE ON-STATE
RESISTANCE vs.DRAIN CURRENT
20
40
60
80
100
120
140
-0.01
-0.1
-1
-10
-100
Pulsed
VGS =
− 4.5 V
-25
°C
25
°C
75°C
TA = 125
°C
20
40
60
80
100
120
140
-0.01
-0.1
-1
-10
-100
Pulsed
VGS =
−2.5 V
−25°C
25
°C
75
°C
TA = 125
°C
ID – Drain Current - A
ID - Drain Current - A


Similar Part No. - UPA1917

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1917 RENESAS-UPA1917 Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
UPA1917TE RENESAS-UPA1917TE Datasheet
208Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
logo
VBsemi Electronics Co.,...
UPA1917TE VBSEMI-UPA1917TE Datasheet
456Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1917

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com