Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1901 Datasheet(PDF) 5 Page - NEC

Part # UPA1901
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1901 Datasheet(HTML) 5 Page - NEC

  UPA1901 Datasheet HTML 1Page - NEC UPA1901 Datasheet HTML 2Page - NEC UPA1901 Datasheet HTML 3Page - NEC UPA1901 Datasheet HTML 4Page - NEC UPA1901 Datasheet HTML 5Page - NEC UPA1901 Datasheet HTML 6Page - NEC UPA1901 Datasheet HTML 7Page - NEC UPA1901 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet G15804EJ1V0DS
5
µµµµPA1901
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
20
40
60
80
100
0.01
0.1
1
10
100
VGS = 2.5 V
Pulsed
TA = 125
°C
75
°C
25
°C
−25°C
20
40
60
80
100
0
5
10
15
Pulsed
ID = 3.5 A
ID - Drain Current - A
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. CHANNEL TEMPERATURE
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
0
20
40
60
80
-50
0
50
100
150
Pulsed
ID = 3.5 A
VGS = 2.5 V
4.0 V
4.5 V
10
100
1000
0.1
1
10
100
VGS = 0 V
f = 1.0 MHz
Ciss
Coss
Crss
Tch - Channel Temperature -
°CVDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
10
100
1000
0.1
1
10
VDD = 10 V
VGS = 4.0 V
RG = 10
td(off)
td(on)
tr
tf
0
1
2
3
4
5
6
7
0
1234
56
7
ID = 6.5 A
VDD = 24 V
6 V
15 V
ID - Drain Current - A
QG - Gate Charge - nC


Similar Part No. - UPA1901

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1901 RENESAS-UPA1901 Datasheet
203Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
UPA1901TE RENESAS-UPA1901TE Datasheet
203Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
logo
VBsemi Electronics Co.,...
UPA1901TE VBSEMI-UPA1901TE Datasheet
493Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - UPA1901

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com