Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1830GR-9JG Datasheet(PDF) 2 Page - NEC

Part # UPA1830GR-9JG
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1830GR-9JG Datasheet(HTML) 2 Page - NEC

  UPA1830GR-9JG Datasheet HTML 1Page - NEC UPA1830GR-9JG Datasheet HTML 2Page - NEC UPA1830GR-9JG Datasheet HTML 3Page - NEC UPA1830GR-9JG Datasheet HTML 4Page - NEC UPA1830GR-9JG Datasheet HTML 5Page - NEC UPA1830GR-9JG Datasheet HTML 6Page - NEC UPA1830GR-9JG Datasheet HTML 7Page - NEC UPA1830GR-9JG Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet G16268EJ1V0DS
2
µµµµPA1830
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS =
30 V, VGS = 0 V
1.0
µA
Gate Leakage Current
IGSS
VGS =
m20 V, VDS = 0 V
m10
µA
Gate Cut-off Voltage
VGS(off)
VDS =
10 V, ID = 1.0 mA
1.0
−2.0
2.5
V
Forward Transfer Admittance
| yfs |
VDS =
10 V, ID = 4.5 A
8.0
17.4
S
Drain to Source On-state Resistance
RDS(on)1
VGS =
10 V, ID = 4.5 A
13.7
17
m
RDS(on)2
VGS =
4.5 V, ID = 4.5 A
18.5
24.5
m
RDS(on)3
VGS =
4.0 V, ID = 4.5 A
21
28
m
Input Capacitance
Ciss
VDS =
10 V
1950
pF
Output Capacitance
Coss
VGS = 0 V
570
pF
Reverse Transfer Capacitance
Crss
f = 1.0 MHz
350
pF
Turn-on Delay Time
td(on)
VDD =
15 V, ID = 4.5 A
17
ns
Rise Time
tr
VGS =
10 V
16
ns
Turn-off Delay Time
td(off)
RG = 10
140
ns
Fall Time
tf
150
ns
Total Gate Charge
QG
VDD =
24 V
38
nC
Gate to Source Charge
QGS
VGS =
10 V
4.5
nC
Gate to Drain Charge
QGD
ID =
9.0 A
12
nC
Body Diode Forward Voltage
VF(S-D)
IF = 9.0 A, VGS = 0 V
0.84
V
Reverse Recovery Time
trr
IF = 9.0 A, VGS = 0 V
60
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs40
nC
TEST CIRCUIT 2 GATE CHARGE
TEST CIRCUIT 1 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
τ
PG.
50
D.U.T.
RL
VDD
IG =
−2 mA
VGS
Wave Form
VDS
Wave Form
VGS(−)
VDS(−)
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%


Similar Part No. - UPA1830GR-9JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1830GR-9JG RENESAS-UPA1830GR-9JG Datasheet
301Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
More results

Similar Description - UPA1830GR-9JG

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com