Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3732VP160-66UXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY3732VP160-66UXC
Description  5V, 3.3V, ISRTM High-Performance CPLDs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3732VP160-66UXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY3732VP160-66UXC Datasheet HTML 4Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 5Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 6Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 7Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 8Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 9Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 10Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 11Page - Cypress Semiconductor CY3732VP160-66UXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Ultra37000 CPLD Family
Document #: 38-03007 Rev. *D
Page 8 of 64
The third programming option for Ultra37000 devices is to
utilize the embedded controller or processor that already
exists in the system. The Ultra37000 ISR software assists in
this method by converting the device JEDEC maps into the
ISR serial stream that contains the ISR instruction information
and the addresses and data of locations to be programmed.
The embedded controller then simply directs this ISR stream
to the chain of Ultra37000 devices to complete the desired
reconfiguring or diagnostic operations. Contact your local
sales office for information on availability of this option.
The fourth method for programming Ultra37000 devices is to
use the same programmer that is currently being used to
program FLASH370i devices.
For all pinout, electrical, and timing requirements, refer to
device data sheets. For ISR cable and software specifications,
refer to the UltraISR kit data sheet (CY3700i).
Third-Party Programmers
As with development software, Cypress support is available on
a wide variety of third-party programmers. All major third-party
programmers (including BP Micro, Data I/O, and SMS) support
the Ultra37000 family.


Similar Part No. - CY3732VP160-66UXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3732VP160167AXC CYPRESS-CY3732VP160167AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY3732VP160200AXC CYPRESS-CY3732VP160200AXC Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
More results

Similar Description - CY3732VP160-66UXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
ULTRA37000 CYPRESS-ULTRA37000 Datasheet
1Mb / 63P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
ULTRA37000 CYPRESS-ULTRA37000_04 Datasheet
2Mb / 64P
   5V, 3.3V, ISR High-Performance CPLDs
CY37256P160-125UMB CYPRESS-CY37256P160-125UMB Datasheet
2Mb / 64P
   5V, 3.3V, ISR??High-Performance CPLDs
CY37032 CYPRESS-CY37032 Datasheet
1Mb / 62P
   5V, 3.3V, ISR??High-Performance CPLDs
logo
Micrel Semiconductor
SY89423V MICREL-SY89423V_07 Datasheet
80Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE
SY89421V MICREL-SY89421V Datasheet
81Kb / 8P
   5V/3.3V HIGH-PERFORMANCE PHASE LOCKED LOOP
SY89423V MICREL-SY89423V Datasheet
98Kb / 8P
   5V/3.3V DUAL HIGH-PERFORMANCE PHASE LOCKED LOOP
logo
Golledge Electronics Lt...
GVXO-25 GOLLEDGE-GVXO-25 Datasheet
541Kb / 4P
   5V High Performance VCXO
logo
Exar Corporation
SP211EH EXAR-SP211EH Datasheet
745Kb / 16P
   High Speed 5V High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com