Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3919 Datasheet(PDF) 5 Page - NEC

Part # 2SK3919
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3919 Datasheet(HTML) 5 Page - NEC

  2SK3919 Datasheet HTML 1Page - NEC 2SK3919 Datasheet HTML 2Page - NEC 2SK3919 Datasheet HTML 3Page - NEC 2SK3919 Datasheet HTML 4Page - NEC 2SK3919 Datasheet HTML 5Page - NEC 2SK3919 Datasheet HTML 6Page - NEC 2SK3919 Datasheet HTML 7Page - NEC 2SK3919 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D17078EJ4V0DS
5
2SK3919
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
2
4
6
8
10
-100
-50
0
50
100
150
200
ID = 32 A
Pulsed
VGS = 10 V
Tch - Channel Temperature - °C
100
1000
10000
0.01
0.1
1
10
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
tr
td(off)
td(on)
tf
VDD = 12.5 V
VGS = 10 V
RG = 10
ID - Drain Current - A
0
5
10
15
20
25
30
020
40
0
2
4
6
8
10
12
VDS
VDD = 20 V
12.5 V
5 V
ID = 64 A, 42 A (at VDD = 5 V)
VGS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
0.01
0.1
1
10
100
1000
00.511.5
VGS = 10 V
0 V
Pulsed
VF(S-D) - Source to Drain Voltage - V
1
10
100
1000
1
10
100
di/dt = 100 A/
µs
VGS = 0 V
IF - Diode Forward Current - A


Similar Part No. - 2SK3919

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3919 ISC-2SK3919 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3919 RENESAS-2SK3919 Datasheet
296Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2004
logo
Inchange Semiconductor ...
2SK3919-ZK ISC-2SK3919-ZK Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3919-ZK RENESAS-2SK3919-ZK Datasheet
296Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2004
More results

Similar Description - 2SK3919

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com