Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6595A-XXX Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6595A-XXX
Description  1-Mbit Serial Voice ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6595A-XXX Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6595A-XXX Datasheet HTML 5Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 6Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 7Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 8Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 9Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 10Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 11Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 12Page - OKI electronic componets MSM6595A-XXX Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/12
¡ Semiconductor
MSM6595A-xxx
(Unit : mm)
DIP18-P-300-2.54
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
1.30 TYP.


Similar Part No. - MSM6595A-XXX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6596A-XXX OKI-MSM6596A-XXX Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
MSM6597A-XXX OKI-MSM6597A-XXX Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
MSM6599 OKI-MSM6599 Datasheet
130Kb / 11P
   80-DOT SEGMENT DRIVER
More results

Similar Description - MSM6595A-XXX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
   2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
   3-Mbit Serial Voice ROM
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
logo
Silicon Storage Technol...
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
logo
Mosel Vitelic, Corp
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
   21 Voice ROM
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
   2.7 VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
   3 VOICE ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
   32 Voice ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com