Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3716-Z Datasheet(PDF) 2 Page - NEC

Part # 2SK3716-Z
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3716-Z Datasheet(HTML) 2 Page - NEC

  2SK3716-Z Datasheet HTML 1Page - NEC 2SK3716-Z Datasheet HTML 2Page - NEC 2SK3716-Z Datasheet HTML 3Page - NEC 2SK3716-Z Datasheet HTML 4Page - NEC 2SK3716-Z Datasheet HTML 5Page - NEC 2SK3716-Z Datasheet HTML 6Page - NEC 2SK3716-Z Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet D16538EJ2V0DS
2
2SK3716
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 40 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS = ±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
2.0
2.5
V
Forward Transfer Admittance
Note
| yfs |
VDS = 10 V, ID = 30 A
22
43
S
Drain to Source On-state Resistance
Note
RDS(on)1
VGS = 10 V, ID = 30 A
5.2
6.5
m
RDS(on)2
VGS = 4.5 V, ID = 30 A
6.6
9.1
m
Input Capacitance
Ciss
VDS = 10 V
2700
pF
Output Capacitance
Coss
VGS = 0 V
770
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
290
pF
Turn-on Delay Time
td(on)
VDD = 20 V, ID = 30 A
11
ns
Rise Time
tr
VGS = 10 V
13
ns
Turn-off Delay Time
td(off)
RG = 0
69
ns
Fall Time
tf
14
ns
Total Gate Charge
QG
VDD = 32 V
50
nC
Gate to Source Charge
QGS
VGS = 10 V
9
nC
Gate to Drain Charge
QGD
ID = 60 A
13
nC
Body Diode Forward Voltage
Note
VF(S-D)
IF = 60 A, VGS = 0 V
0.94
1.5
V
Reverse Recovery Time
trr
IF = 60 A, VGS = 0 V
40
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
42
nC
Note Pulsed
TEST CIRCUIT 3 GATE CHARGE
VGS = 20
0 V
PG.
RG = 25
50
D.U.T.
L
VDD
TEST CIRCUIT 1 AVALANCHE CAPABILITY
PG.
D.U.T.
RL
VDD
TEST CIRCUIT 2 SWITCHING TIME
RG
PG.
IG = 2 mA
50
D.U.T.
RL
VDD
ID
VDD
IAS
VDS
BVDSS
Starting Tch
VGS
0
τ = 1 s
Duty Cycle
1%
τ
VGS
Wave Form
VDS
Wave Form
VGS
VDS
10%
0
0
90%
90%
90%
VGS
VDS
ton
toff
td(on)
tr
td(off)
tf
10%
10%
µ


Similar Part No. - 2SK3716-Z

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
2SK3716-Z DOINGTER-2SK3716-Z Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK3716-Z ISC-2SK3716-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3716-Z RENESAS-2SK3716-Z Datasheet
247Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

Similar Description - 2SK3716-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com