Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WJ1524AF36VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # WJ1524AF36VDC
Description  Switching capacity up to 10A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

WJ1524AF36VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  WJ1524AF36VDC Datasheet HTML 1Page - CIT Relay & Switch WJ1524AF36VDC Datasheet HTML 2Page - CIT Relay & Switch WJ1524AF36VDC Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Distributor: Electro-Stock www.electrostock.com Tel: 630-682-1542 Fax: 630-682-1562
FEATURES:
Switching capacity up to 10A
Small size and light weight
Low coil power consumption
High contact load
Strong resistance to shock and vibration
E197851
27.0 x 21.0 x 35.0 mm
CONTACT DATA
Contact Arrangement
1A, 1B, 1C = SPST N.O., SPST N.C., SPDT
2A, 2B, 2C = DPST N.O., DPST N.C., DPDT
3A, 3B, 3C = 3PST N.O., 3PST N.C., 3PDT
4A, 4B, 4C = 4PST N.O., 4PST N.C., 4PDT
Contact Rating
1, 2, & 3 Pole: 10A @ 220VAC & 28VDC
4 Pole: 5A @ 220VAC & 28VDC
Contact Resistance
< 50 milliohms initial
Contact Material
AgCdO
Maximum Switching Power
1C: 280W, 2200VA
2C: 280W, 2200VA
3C: 280W, 2200VA
4C: 140W, 1100VA
Maximum Switching Voltage
300VAC
Maximum Switching Current
10A
DC COIL DATA
Coil Voltage
VDC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VDC (max)
75%
of rated voltage
Release Voltage
VDC (min)
10%
of rated voltage
Coil Power
W
Operate Time
ms
Release Time
ms
6
6.6
40
4.5
0.6
12
13.2
160
9.0
1.2
24
26.4
640
18.0
2.4
36
39.6
1500
27.0
3.6
48
52.8
2600
36.0
4.8
110
121.0
11000
82.5
11.0
.9
25
25
AC COIL DATA
Coil Voltage
VAC
Rated
Max.
Coil Resistance
Ω ± 10%
Pick Up Voltage
VAC (max)
80%
of rated voltage
Release Voltage
VAC (min)
30%
of rated voltage
Coil Power
VA
Operate Time
ms
Release Time
ms
6
6.6
11.5
4.8
1.8
12
13.2
46
9.6
3.6
24
26.4
184
19.2
7.2
36
39.6
370
28.8
10.8
48
52.8
735
38.4
14.4
110
121.0
3750
88.0
33.0
120
132.0
4,550
96.0
36.0
220
252.0
14,400
176.0
66.0
1.2
25
25
WJ152


Similar Part No. - WJ1524AF36VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
WJ151 CIT-WJ151 Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF12VDC CIT-WJ1511AF12VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF24VDC CIT-WJ1511AF24VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF36VDC CIT-WJ1511AF36VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
WJ1511AF6VDC CIT-WJ1511AF6VDC Datasheet
314Kb / 4P
   CIT RELAY & SWITCH
More results

Similar Description - WJ1524AF36VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
J100 CIT-J100 Datasheet
138Kb / 2P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com