Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3634 Datasheet(PDF) 1 Page - NEC

Part # 2SK3634
Description  SWITCHING N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3634 Datasheet(HTML) 1 Page - NEC

  2SK3634 Datasheet HTML 1Page - NEC 2SK3634 Datasheet HTML 2Page - NEC 2SK3634 Datasheet HTML 3Page - NEC 2SK3634 Datasheet HTML 4Page - NEC 2SK3634 Datasheet HTML 5Page - NEC 2SK3634 Datasheet HTML 6Page - NEC 2SK3634 Datasheet HTML 7Page - NEC 2SK3634 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SK3634
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D15936EJ2V0DS00 (2nd edition)
Date Published August 2004 NS CP(K)
Printed in Japan
2001
The mark
shows major revised points.
DESCRIPTION
The 2SK3634 is N-channel MOS FET device that features
a low on-state resistance and excellent switching
characteristics, and designed for high voltage applications
such as DC/DC converter.
FEATURES
• High voltage: VDSS = 200 V
• Gate voltage rating: ±30 V
RDS(on) = 0.60
Ω MAX. (VGS = 10 V, ID = 3.0 A)
• Low Ciss: Ciss = 270 pF TYP. (VDS = 10 V, VGS = 0 V)
• Built-in gate protection diode
• TO-251/TO-252 package
• Avalanche capability rated
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
200
V
Gate to Source Voltage (VDS = 0 V)
VGSS
±30
V
Drain Current (DC) (TC = 25°C)
ID(DC)
±6.0
A
Drain Current (Pulse)
Note1
ID(pulse)
±18
A
Total Power Dissipation (TC = 25°C)
PT1
20
W
Total Power Dissipation (TA = 25°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
6.0
A
Single Avalanche Energy
Note2
EAS
3.6
mJ
Repetitive Avalanche Current
Note3
IAR
6.0
A
Repetitive Pulse Avalanche Energy
Note3
EAR
2.0
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Starting Tch = 25°C, VDD = 100 V, RG = 25 Ω, VGS = 20
→ 0 V, L = 100
µH
3. Tch
≤ 125°C , RG = 25 , VDD = 100 V
(TO-251)
(TO-252)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3634
TO-251 (MP-3)
2SK3634-Z
TO-252 (MP-3Z)


Similar Part No. - 2SK3634

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3634 KEXIN-2SK3634 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SK3634 VBSEMI-2SK3634 Datasheet
963Kb / 6P
   N-Channel 200 V (D-S) MOSFET
logo
Renesas Technology Corp
2SK3634 RENESAS-2SK3634 Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
2SK3634-Z RENESAS-2SK3634-Z Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
VBsemi Electronics Co.,...
2SK3634-Z-E1-AZ VBSEMI-2SK3634-Z-E1-AZ Datasheet
1Mb / 7P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - 2SK3634

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3402 NEC-2SK3402 Datasheet
132Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2700TP NEC-UPA2700TP Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2701TP NEC-UPA2701TP Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2707TP NEC-UPA2707TP Datasheet
146Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2750GR NEC-UPA2750GR Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2753GR NEC-UPA2753GR Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
UPA2755GR NEC-UPA2755GR Datasheet
94Kb / 7P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3456 NEC-2SK3456 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3458 NEC-2SK3458 Datasheet
82Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3572 NEC-2SK3572 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
2SK3714 NEC-2SK3714 Datasheet
84Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com