Electronic Components Datasheet Search |
|
HDSP-315Y-GG200 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HDSP-315Y-GG200 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 10 page 6 Green Device Series Test HDSP- Parameter Symbol Min. Typ. Max. Units Conditions 315/316E Luminous Intensity/Segment[1,2] IV 450 5000 µcd IF = 10 mA 515/516E (Digit Average) Forward Voltage/Segment or DP VF 2.1 2.5 V IF = 10 mA Peak Wavelength λ PEAK 566 nm Dominant Wavelength[3] λ d 571 nm Reverse Voltage/Segment or DP[4] VR 350 V IR = 100 µA Thermal Resistance LED R θ J-PIN 200 °C/W/Seg Junction-to-Pin Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25 °C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, λ is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. Yellow Device Series Test HDSP- Parameter Symbol Min. Typ. Max. Units Conditions 315/316Y Luminous Intensity/Segment[1,2] IV 450 1800 µcd IF = 10 mA 515/516Y (Digit Average) Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 10 mA Peak Wavelength λ PEAK 583 nm Dominant Wavelength[3] λ d 586 nm Reverse Voltage/Segment or DP[4] VR 350 V IR = 100 µA Thermal Resistance LED R θ J-PIN 200 °C/W/Seg Junction-to-Pin Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature. Figure 2. Forward Current vs. Forward Voltage. Figure 3. Relative Luminous Intensity vs DC Forward Current. 16 0 2 4 6 8 10 12 14 20 100 90 80 70 60 50 40 30 TA – AMBIENT TEMPERATURE – °C 120 110 20 18 J-A R θ = 770°C/W 1.0 2.5 50.0 2.0 0.1 VF – FORWARD VOLTAGE – V 1.5 2.0 20.0 10.0 1.0 0.5 0.5 0 5.0 0.5 20 20 2 0.1 IF – FORWARD CURRENT PER SEGMENT – mA 12 5 10 10 5 1 0.5 0.2 0.2 0.1 AlGaAs Low Current |
Similar Part No. - HDSP-315Y-GG200 |
|
Similar Description - HDSP-315Y-GG200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |