Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4942 Datasheet(PDF) 2 Page - NEC

Part # 2SC4942
Description  NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4942 Datasheet(HTML) 2 Page - NEC

  2SC4942 Datasheet HTML 1Page - NEC 2SC4942 Datasheet HTML 2Page - NEC 2SC4942 Datasheet HTML 3Page - NEC 2SC4942 Datasheet HTML 4Page - NEC 2SC4942 Datasheet HTML 5Page - NEC 2SC4942 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
'DWD 6KHHW'(-9'6

2SC4942
(/(&75,&$/ &+$5$&7(5,67,&6 7D
°°°°&
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 600 V, IE = 0
10
µA
Emitter cutoff current
IEBO
VEB = 7.0 V, IC = 0
10
µA
DC current gain
hFE1
VCE = 5.0 V, IC = 0.1 A
30
55
120
DC current gain
hFE2
VCE = 5.0 V, IC = 0.5 A
5
10
Collector saturation voltage
VCE(sat)
IC = 400 mV, IB = 80 mA
0.35
1.0
V
Base saturation voltage
VBE(sat)
IC = 400 mV, IB = 80 mA
0.9
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IE =
−50 mA
30
MHz
Output capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
15
pF
Turn-on time
tON
0.1
0.5
µs
Storage time
tstg
4.0
5.0
µs
Fall time
tf
IC = 0.5 A, VCC= 250 V
IB1 =
−IB2 = 0.1 A
RL = 500
0.2
0.5
µs
K)( &/$66,),&$7,21
Marking
AA1
AA2
AA3
hFE1
30 to 60
40 to 80
60 to 120
7<3,&$/&+$5$&7(5,67,&6 7D
°°°°&


Similar Part No. - 2SC4942

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
   NPN Silicon Transistors
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942 Datasheet
239Kb / 8P
   SILICON TRANSISTORS
2002
logo
Guangdong Kexin Industr...
2SC4942-A1 KEXIN-2SC4942-A1 Datasheet
1,008Kb / 3P
   NPN Transistors
2SC4942-A1-HF KEXIN-2SC4942-A1-HF Datasheet
1,004Kb / 3P
   NPN Transistors
2SC4942-A2 KEXIN-2SC4942-A2 Datasheet
1,008Kb / 3P
   NPN Transistors
More results

Similar Description - 2SC4942

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3569 NEC-2SC3569 Datasheet
128Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
2SC4346 NEC-2SC4346 Datasheet
112Kb / 5P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
2SC2335 NEC-2SC2335 Datasheet
114Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SC4942 RENESAS-2SC4942_15 Datasheet
240Kb / 8P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871_15 Datasheet
241Kb / 8P
   PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
NEC
2SD1592 NEC-2SD1592 Datasheet
89Kb / 4P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR (DARLINGTON CONNECTION) FOR HIGH-VOLTAGE LOW-SPEED SWITCHING
logo
KEC(Korea Electronics)
MJE13003 KEC-MJE13003 Datasheet
381Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR(SWITCHING REGULATOR, HIGH VOLTAGE AND HIGH SPEED SWITCHING)
KTC3003HV KEC-KTC3003HV Datasheet
444Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR HIGH VOLTAGE AND HIGH SPEED SWITCHING APPLICATION
KTC4372 KEC-KTC4372 Datasheet
356Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH VOLTAGE SWITCHING)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com