Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4336 Datasheet(PDF) 4 Page - NEC

Part # 2SC4336
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4336 Datasheet(HTML) 4 Page - NEC

  2SC4336 Datasheet HTML 1Page - NEC 2SC4336 Datasheet HTML 2Page - NEC 2SC4336 Datasheet HTML 3Page - NEC 2SC4336 Datasheet HTML 4Page - NEC 2SC4336 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet D17261EJ1V0DS
4
2SC4336
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
0
2
4
6
8
10
12
00.511.522.533.5
IB = 10 mA
20 mA
30 mA
50 mA
100 mA
VCE - Collector to Emittor Voltage - V
1
10
100
1000
0.001
0.01
0.1
1
10
100
VCE = 2.0 V
Pulsed
IC - Collector Current - A
COLLECTOR SATURATION VOLTAGE AND BASE
SATURATION VOLTAGE vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
1
10
100
1000
10000
0.01
0.1
1
10
100
IC = 10
• IB
Pulsed
VBE(sat)
VCE(sat)
IC - Collector Current - A
10
100
1000
0.01
0.1
1
10
VCE = 10 V
IC - Collector Current - A
COLLECTOR CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
TURN ON TIME, STORAGE TIME AND FALL TIME
vs. COLLECTOR CURRENT
10
100
1000
1
10
100
IE = 0
f = 1 MHz
VCB - Collector to Base Voltage - V
10
100
1000
10000
0.1
1
10
100
IC = 20 A
IB1 =
−20 • IB2
ton
tstg
tf
IC - Collector Current - A


Similar Part No. - 2SC4336

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4336 SAVANTIC-2SC4336 Datasheet
121Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4336 JMNIC-2SC4336 Datasheet
166Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4336 ISC-2SC4336 Datasheet
139Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4336 SAVANTIC-2SC4336 Datasheet
123Kb / 3P
   Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SC4336 RENESAS-2SC4336 Datasheet
290Kb / 7P
   SILICON POWER TRANSISTOR
2004
More results

Similar Description - 2SC4336

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2517 NEC-2SC2517 Datasheet
132Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4550 NEC-2SC4550 Datasheet
135Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4814 NEC-2SC4814 Datasheet
161Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4815 NEC-2SC4815 Datasheet
166Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4553 NEC-2SC4553 Datasheet
126Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC4331 RENESAS-2SC4331_15 Datasheet
276Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SC4552 NEC-2SC4552 Datasheet
161Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4332 NEC-2SC4332 Datasheet
34Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SC4551 NEC-2SC4551 Datasheet
140Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com