Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD33FM Datasheet(PDF) 5 Page - NEC

Part # RD33FM
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD33FM Datasheet(HTML) 5 Page - NEC

  RD33FM Datasheet HTML 1Page - NEC RD33FM Datasheet HTML 2Page - NEC RD33FM Datasheet HTML 3Page - NEC RD33FM Datasheet HTML 4Page - NEC RD33FM Datasheet HTML 5Page - NEC RD33FM Datasheet HTML 6Page - NEC RD33FM Datasheet HTML 7Page - NEC RD33FM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D16083EJ1V0DS
5
RD2.0FM to RD120FM
0 11 12 13 14 15 16 17 18 19
0 18 20 22 24 26 28
RD15FM
RD16FM
RD18FM
RD20FM
RD22FM
RD24FM
RD27FM
VZ - Zener Voltage - V
(d)
100 m
10 m
1 m
100 n
10 n
100
µ
10
µ
1
µ
VZ - Zener Voltage - V
(c)
100 m
10 m
1 m
100 n
10 n
100
µ
10
µ
1
µ
1 n
1 n
030
50
70
90
025
30
35
40
RD30FM
RD120FM
RD110FM
RD100FM
RD43FM
RD47FM
RD51FM
RD56FM
RD62FM
RD68FM
RD75FM
RD82FM
RD91FM
RD33FM
RD36FM
RD39FM
100 m
10 m
1 m
100 n
10 n
VZ - Zener Voltage - V
(e)
100
µ
10
µ
1
µ
100 m
10 m
1 m
100 n
10 n
VZ - Zener Voltage - V
(f)
100
µ
10
µ
1
µ
1 n
1 n


Similar Part No. - RD33FM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD33FM EIC-RD33FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD33FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com