Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM65352 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM65352 Datasheet HTML 3Page - OKI electronic componets MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets MSM65352 Datasheet HTML 10Page - OKI electronic componets MSM65352 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
¡ Semiconductor
MSM65352/65352B
Secondary Function
Function
Pin
Type
Description
Secondary function of P0.0:
Input pin for external interrupt 0. This pin can
receive an input at the rising edge, falling edge, or
both the rising/falling edges.
External
Interrupt
Control
I
8
Secondary function of P0.4:
Input pin for external interrupt 1. This pin can
receive input at the rising edge, falling edge or both
the rising/falling edges. Also used as a gate signal
input pin to enable or disable the count of timer 0.
I
4
Secondary function of P0.1:
Hardware stop mode input pin. When this pin is
set to the "L" level while the HSTP bit in SBYCON
is set to "1", the hardware stop mode is entered.
In the hardware stop mode, oscillation on the OSC
side is stopped for low power consumption.
I
7
5
Secondary function of P0.3:
External clock input pin for timer 0.
I
Timer 0
6
Secondary function of P0.2:
Output pin that provides waveform with twice the
cycle of the overflow of timer 1.
O
Timer 1
Secondary function of P3.0 to 3.7:
These are used for analog channels during A/D
conversion.
I
A/D Converter
16
23
to
3
Secondary function of P0.5:
Output pin that provides clocks equal to OSCCLK
divided by 2 or 4, and also clocks equal to XTCLK
divided by 2 or 4.
O
Clock Output
59
Secondary function of P1.4:
Input pin for remote control.
I
Remote Control
Input
56
Secondary function of P1.7:
Data output pin for shift register 1.
O
57
Secondary function of P1.6:
Data input pin for shift register 1.
I
58
Secondary function of P1.5:
Sync clock I/O pin for shift register 1.
This provides clock output when used as the
master, while it functions as clock input when
used as a slave.
I/O
Shift Register
Symbol
INT0
INT1
HSTOP
T0CK
T1OUT
AI7
AI0
to
CLKOUT
RMCIN
SFTO1
SFTI1
SFTCK1


Similar Part No. - MSM65352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65353A OKI-MSM65353A Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results

Similar Description - MSM65352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
   8-Bit Microcontroller with A/D Converter (with LCD Driver)
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
   8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
   8-bit Microcontroller with A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com