Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4AM03MH5 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 4AM03MH5
Description  4AM03MH5
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

4AM03MH5 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  4AM03MH5 Datasheet HTML 1Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 2Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 3Page - Sanyo Semicon Device 4AM03MH5 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4AM03MH5
No.7432-3/4
05
10
15
20
25
30
02
14
36
58
9
710
0
20
10
30
40
60
50
70
80
0
10
20
30
60
70
40
50
80
01
2
3
4
6
7
8
9
11 12 13 14
10
15
5
0
5
10
15
20
25
30
IOUT -- VOUT
出力電圧, VOUT -- V
IOUT -- VOUT
出力電圧, VOUT -- V
IT05781
IT05782
IOUT -- VOUT
出力電圧, VOUT -- V
IOUT -- VOUT
出力電圧, VOUT -- V
IT05779
IT05780
0
10
40
50
60
70
80
30
20
0
10
30
40
80
20
60
70
50
IOUT -- VDD
電源電圧, VDD -- V
IOUT -- VDD
電源電圧, VDD -- V
IT05783
IT05784
VDD=10V
Ta= --25°C
25
°C
75°C
0
515
20
10
25
RDS(on) -- VDD
電源電圧, VDD -- V
IT05785
0
50
200
400
350
300
250
100
150
--60
--20
--40
0
20
406080
100
0
80
60
40
20
140
120
200
100
160
180
RDS(on) -- Ta
周囲温度, Ta -- °C
IT05786
Ta=25°C
8
24
369
15
14
11 12 13
01
5
7
10
0
40
50
60
70
10
20
30
80
VDD=15V
25
°C
75°
C
VOUT=0.1✕VDD
Ta=
--25
°C
25
°C
75
°C
VOUT=0.2✕VDD
VDD=25V
IOUT=1mA
10mA
5V
/ 1mA
10V /
2.5mA
15V / 5mA
25V / 10mA
0
2
4
6
10
8
14
12
20
18
16
3
15
4
02
VDD=5V
Ta= --25°C
75°C
25°C


Similar Part No. - 4AM03MH5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
4AM01MH5 SANYO-4AM01MH5 Datasheet
26Kb / 4P
   High-side Switch
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
   High-side Switch
4AM04MH5 SANYO-4AM04MH5 Datasheet
51Kb / 4P
   4AM04MH5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com