Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD9.1FM Datasheet(PDF) 1 Page - NEC

Part # RD9.1FM
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD9.1FM Datasheet(HTML) 1 Page - NEC

  RD9.1FM Datasheet HTML 1Page - NEC RD9.1FM Datasheet HTML 2Page - NEC RD9.1FM Datasheet HTML 3Page - NEC RD9.1FM Datasheet HTML 4Page - NEC RD9.1FM Datasheet HTML 5Page - NEC RD9.1FM Datasheet HTML 6Page - NEC RD9.1FM Datasheet HTML 7Page - NEC RD9.1FM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
ZENER DIODES
RD2.0FM to RD120FM
ZENER DIODES
1 W 2 PIN POWER MINI MOLD
DATA SHEET
Document No.
D16083EJ1V0DS00 (1st edition)
Date Published
March 2002 NS CP(K)
Printed in Japan
PACKAGE DIMENSIONS
(Unit: mm)
4.3 ±0.1
1.3 ±0.2
1.55 ±0.1
Cathode
Indication
4.7 ±0.3
DESCRIPTION
Type RD2.0FM to RD120FM series are 2 pin power
mini
mold
package
zener
diodes
possessing
an
allowable power dissipation of 1 W.
QUALITY GRADE
Standard.
Please refer to “Quality Grades On NEC Semiconductor
Devices” (Document number C11531E) published by
NEC Corporation to know the specification of quality
grade on the devices and its recommended applications.
FEATURES
• Sharp breakdown characteristics
• VZ: Applied E24 standard
APPLICATIONS
Circuits for, constant voltage, constant current, waveform clipper, surge absorber, etc.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Power Dissipation
P
1
W
Forward Current
IF
200
mA
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C


Similar Part No. - RD9.1FM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD9.1FM EIC-RD9.1FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD9.1FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com