Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD9.1FM Datasheet(PDF) 2 Page - NEC

Part # RD9.1FM
Description  ZENER DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD9.1FM Datasheet(HTML) 2 Page - NEC

  RD9.1FM Datasheet HTML 1Page - NEC RD9.1FM Datasheet HTML 2Page - NEC RD9.1FM Datasheet HTML 3Page - NEC RD9.1FM Datasheet HTML 4Page - NEC RD9.1FM Datasheet HTML 5Page - NEC RD9.1FM Datasheet HTML 6Page - NEC RD9.1FM Datasheet HTML 7Page - NEC RD9.1FM Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D16083EJ1V0DS
2
RD2.0FM to RD120FM
ELECTRICAL CHARACTERISTICS (TA = 25 ±2°C)
(1/2)
Type Number
Class
Zener Voltage
Dynamic Impedance
Reverse Current
VZ (V)
Note1
ZZ (
Ω) Note2
IR (
µA)
MIN.
MAX.
IZ (mA)
MAX.
IZ (mA)
MAX.
VR (V)
RD2.0FM
B
1.9
2.2
5
140
5
200
0.5
RD2.2FM
B
2.1
2.4
5
140
5
200
0.7
RD2.4FM
B
2.3
2.6
5
140
5
200
1.0
RD2.7FM
B
2.5
2.9
5
140
5
150
1.0
RD3.0FM
B
2.8
3.2
5
140
5
100
1.0
RD3.3FM
B
3.1
3.5
5
140
5
80
1.0
RD3.6FM
B
3.4
3.8
5
140
5
60
1.0
RD3.9FM
B
3.7
4.1
5
140
5
40
1.0
RD4.3FM
B
4.0
4.5
5
140
5
20
1.0
RD4.7FM
B
4.4
4.9
5
100
5
20
1.0
RD5.1FM
B
4.8
5.4
5
100
5
20
1.0
RD5.6FM
B
5.3
6.0
5
70
5
20
1.5
RD6.2FM
B
5.8
6.6
5
40
5
20
3.0
RD6.8FM
B
6.4
7.2
5
25
5
20
3.5
RD7.5FM
B
7.0
7.9
5
25
5
20
4.0
RD8.2FM
B
7.7
8.7
5
25
5
20
5.0
RD9.1FM
B
8.5
9.6
5
25
5
20
6.0
RD10FM
B
9.4
10.6
5
20
5
10
7.0
RD11FM
B
10.4
11.6
5
20
5
10
8.0
RD12FM
B
11.4
12.6
5
25
5
10
9.0
RD13FM
B
12.4
14.1
5
30
5
10
10
RD15FM
B
13.8
15.6
5
30
5
10
11
RD16FM
B
15.3
17.1
5
40
5
10
12
RD18FM
B
16.8
19.1
5
45
5
10
13
RD20FM
B
18.8
21.2
5
55
5
10
15
RD22FM
B
20.8
23.3
2
55
2
10
17
RD24FM
B
22.8
25.6
2
70
2
10
19
RD27FM
B
25.1
28.9
2
80
2
10
21
RD30FM
B
28.0
32.0
2
80
2
10
23
RD33FM
B
31.0
35.0
2
80
2
10
25
RD36FM
B
34.0
38.0
2
90
2
10
27
RD39FM
B
37.0
41.0
2
130
2
10
30
RD43FM
B
40.0
45.0
2
150
2
5
33
RD47FM
B
44.0
49.0
2
170
2
5
36
RD51FM
B
48.0
54.0
2
220
2
5
39
RD56FM
B
53.0
60.0
2
220
2
5
43
RD62FM
B
58.0
66.0
2
220
2
5
47
RD68FM
B
64.0
72.0
2
230
2
5
52
Note 1. VZ is tested with pulsed (40 ms).
2. ZZ is measured at IZ by given a very small A.C. signal.


Similar Part No. - RD9.1FM

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RD9.1FM EIC-RD9.1FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD9.1FM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com