Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3188JRQZ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3188JRQZ-REEL
Description  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3188JRQZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3188JRQZ-REEL Datasheet HTML 4Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 5Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 6Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 7Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 8Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 9Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 10Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 11Page - Analog Devices ADP3188JRQZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADP3188
Rev. A | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
4
3
2
1
0
RT VALUE (kΩ)
0
50
100
150
200
250
300
Figure 6. Master Clock Frequency vs. RT
0
0.5
1
1.5
2
2.5
3
3.5
4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
OSCILLATOR FREQUENCY (MHz)
TA = 25°C
4-PHASE OPERATION
Figure 7. Supply Current vs. Oscillator Frequency


Similar Part No. - ADP3188JRQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3188 AD-ADP3188 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
More results

Similar Description - ADP3188JRQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com