Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470T3354CZ0-CLCC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M470T3354CZ0-CLCC
Description  DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T3354CZ0-CLCC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M470T3354CZ0-CLCC Datasheet HTML 7Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 8Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 9Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 10Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 11Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 12Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 13Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 14Page - Samsung semiconductor M470T3354CZ0-CLCC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
Operating Current Table(1-1) (TA=0oC, VDD= 1.9V)
M470T6554CZ3/M470T6554CZ0 : 64Mx64 512MB Module
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
800@CL=5
667@CL=5
533@CL=4
400@CL=3
Unit
Notes
CE7
LE7
CE6
LE6
CD5
LD5
CCC
LCC
IDD0
TBD
560
480
520
460
520
460
mA
IDD1
TBD
620
540
580
520
580
520
mA
IDD2P
TBD
64
40
64
36
64
36
mA
IDD2Q
TBD
280
240
240
200
240
200
mA
IDD2N
TBD
320
280
280
240
280
240
mA
IDD3P-F
TBD
240
200
240
200
240
200
mA
IDD3P-S
TBD
96
64
96
64
96
64
mA
IDD3N
TBD
380
320
340
280
340
280
mA
IDD4W
TBD
860
800
760
700
680
620
mA
IDD4R
TBD
880
820
780
720
700
640
mA
IDD5
TBD
760
680
700
620
700
620
mA
IDD6
TBD
643264326432
mA
IDD7
TBD
1,360
1,220
1,340
1,200
1,340
1,200
mA
M470T3354CZ3/M470T3354CZ0 : 32Mx64 256MB Module
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
800@CL=5
667@CL=5
533@CL=4
400@CL=3
Unit
Notes
CE7
LE7
CE6
LE6
CD5
LD5
CCC
LCC
IDD0
TBD
400
340
380
340
380
340
mA
IDD1
TBD
460
400
440
400
440
400
mA
IDD2P
TBD
32
20
32
18
32
18
mA
IDD2Q
TBD
140
120
120
100
120
100
mA
IDD2N
TBD
160
140
140
120
140
120
mA
IDD3P-F
TBD
120
100
120
100
120
100
mA
IDD3P-S
TBD
48
32
48
32
48
32
mA
IDD3N
TBD
220
180
200
160
200
160
mA
IDD4W
TBD
700
660
620
580
540
500
mA
IDD4R
TBD
720
680
640
600
560
520
mA
IDD5
TBD
600
540
560
500
560
500
mA
IDD6
TBD
32163216
32
16
mA
IDD7
TBD
1,200
1,080
1,200
1,080
1,200
1,080
mA


Similar Part No. - M470T3354CZ0-CLCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ0-CC SAMSUNG-M470T3354CZ0-CC Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T3354CZ0-CD6 SAMSUNG-M470T3354CZ0-CD6 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
More results

Similar Description - M470T3354CZ0-CLCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
M470L6423EN SAMSUNG-M470L6423EN Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Samsung semiconductor
M470L6423CK0 SAMSUNG-M470L6423CK0 Datasheet
116Kb / 14P
   512MB DDR SDRAM MODULE (64Mx64 based on DDP 64Mx 8 DDR SDRAM) 200pin SODIMM 64bit Non-ECC/Parity
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com