Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8131B Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8131B
Description  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8131B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8131B Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—9
VOUT Output Circuit Mode Switching
The SM8131B switches between 3 output states: power-save mode (standby state),
×1.0 mode (VIN through
mode), and
×1.5 mode (×1.5 charge pump boost). This automatically adjusts the VOUT output to match the
drive LED characteristics and reduces the total power dissipation. Switching to and from
×1.0 and ×1.5 mode
occurs automatically in an internal circuit, and cannot be controlled using an external input.
Power-ON internal reset time
The SM8131B switches from standby condition (power-save mode) to normal operating condition (
×1.0/×1.5
mode) on the first rising edge of either EN1 or EN2. Note that if the VIN supply voltage is applied when EN1
or EN2 is HIGH, startup occurs after the internal power-ON reset time (approximately 50
µs) expires. At star-
tup, operation commences in
×1.5 mode for a fixed interval during the soft-start time in order to determine
whether a LED is connected to each DIN pin.
(1) VIN voltage rises when power is applied.
(2) Power-ON reset (POR) circuit resets internal circuits approximately 50
µs after the power is applied.
(3) If EN1 or EN2 is HIGH when power is applied, the internal circuits start operating when the internal “CE”
signal rising edge occurs after the power-ON reset time. If EN1 and EN2 are LOW when power is applied,
the “CE” rising edge occurs simultaneously with the first rising edge.
(1) If the EN signals are input after POR time is expired, the soft start time begin from the first EN input rising
edge. The current setting can be adjusted during the soft-start time.
(2) LED current starts flow immediately before the soft start time expires.
Power-ON reset operation
Soft start time and LED current
VIN
power source
Power save
mode
1.5 mode
Power on
reset output
Internal
enable (CE)
POR time
typ: 50
µs
(1)
(2)
(3)
VIN
Soft start time
EN1
input signal
LED current
(1)
(2)
Dimming pulses enable
EN1
LED ON
typ: 1.3ms
Soft start time


Similar Part No. - SM8131B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

Similar Description - SM8131B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com