Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3514N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3514N
Description  PC POWER-SUPPLY SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3514N Datasheet(HTML) 4 Page - Texas Instruments

  TPS3514N Datasheet HTML 1Page - Texas Instruments TPS3514N Datasheet HTML 2Page - Texas Instruments TPS3514N Datasheet HTML 3Page - Texas Instruments TPS3514N Datasheet HTML 4Page - Texas Instruments TPS3514N Datasheet HTML 5Page - Texas Instruments TPS3514N Datasheet HTML 6Page - Texas Instruments TPS3514N Datasheet HTML 7Page - Texas Instruments TPS3514N Datasheet HTML 8Page - Texas Instruments TPS3514N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TPS3514
SLVS422A – JULY 2003
www.ti.com
4
PIN CONFIGURATION
Top View
SO, DIP
PIN ASSIGNMENTS
PIN
NAME
FUNCTION
3
FPO
Inverted Fault Ptotection output. Open-drain output
stage.
2
GND
Ground
5
IS12
12V Over-Current Protection Input
8
IS5
5V Over-Current Protection Input
9
IS33
3.3V Over-Current Protection Input
7
NC
No Internal Connection
1
PGI
Power-Good Input
14
PGO
Power-Good Output. Open-drain output stage.
4
PSON
On/Off Control Input
6
RI
OCP Reference Source
13
VDD
Supply Voltage
10
VS12
12V Over-Voltage/Under-Voltage Protection Input
11
VS33
3.3V Over-Voltage/Under-Voltage Protection Input
12
VS5
5V Over-Voltage/Under-Voltage Protection Input
FUNCTION TABLE
PGI
PSON
UV CONDITION
3.3V/5V
OV CONDITIONS
UV CONDITION 12V
OC CONDITIONS
FPO(1)
PGO(2)
< 0.9V
L
No
No
No
L
L
< 0.9V
L
No
No
Yes
L
L
< 0.9V
L
No
Yes
No
H
L
< 0.9V
L
No
Yes
Yes
H
L
< 0.9V
L
Yes
No
No
L
L
< 0.9V
L
Yes
No
Yes
L
L
< 0.9V
L
Yes
Yes
No
H
L
< 0.9V
L
Yes
Yes
Yes
H
L
> 1.2V
L
No
No
No
L
H
> 1.2V
L
No
No
Yes
H
L
> 1.2V
L
No
Yes
No
H
L
> 1.2V
L
No
Yes
Yes
H
L
> 1.2V
L
Yes
No
No
H
L
> 1.2V
L
Yes
No
Yes
H
L
> 1.2V
L
Yes
Yes
No
H
L
> 1.2V
L
Yes
Yes
Yes
H
L
x
H
x
x
x
H
L
x = Don’t Care.
NOTES: (1) For FPO, L = Fault is not latched. H = Fault is latched. (2) For PGO, L = Fault. H = No Fault.


Similar Part No. - TPS3514N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3514N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com