Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3514DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3514DR
Description  PC POWER-SUPPLY SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3514DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3514DR Datasheet HTML 4Page - Texas Instruments TPS3514DR Datasheet HTML 5Page - Texas Instruments TPS3514DR Datasheet HTML 6Page - Texas Instruments TPS3514DR Datasheet HTML 7Page - Texas Instruments TPS3514DR Datasheet HTML 8Page - Texas Instruments TPS3514DR Datasheet HTML 9Page - Texas Instruments TPS3514DR Datasheet HTML 10Page - Texas Instruments TPS3514DR Datasheet HTML 11Page - Texas Instruments TPS3514DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TPS3514
SLVS422A – JULY 2003
www.ti.com
8
TYPICAL CHARACTERISTICS (Cont.)
TA = 25° unless otherwise noted.
DETAILED DESCRIPTION
POWER-GOOD AND POWER-GOOD DELAY
A PC power supply is commonly designed to provide
a power-good signal, which is defined by the
computer manufacturers. Power-Good Output (PGO)
is a power-good indicator and should be asserted
HIGH by the PC power supply to indicate that the
5VDC
and
3.3VDC
outputs
are
above
the
under-voltage threshold limit. At this time, the supply
should be able to provide enough power to assure
continuous operation within the specification.
Conversely, when either the 5VDC or the 3.3VDC output
voltages fall below the under-voltage threshold, or when
main power has been removed for a sufficiently long time
so that power-supply operation is no longer assured,
PGO should be deasserted to a LOW state.
The power-good, DC enable (PSON), and the 5V/3.3V
supply rails are shown in Figure 1.
Although there is no requirement to meet specific timing
parameters,
the
following
signal
timings
are
recommended:
2ms
≤ t2 ≤ 20ms, 100ms < t3 < 2000ms, t4 > 1ms, t5
10ms
t2
t3
t5
t4
5V/3.3V
Output
PSON
PGO
On
Off
75%
10%
FIGURE 1: Timing of PSON and PGO.


Similar Part No. - TPS3514DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI1-TPS3510 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI-TPS3510D Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3514DR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510 TI-TPS3510 Datasheet
221Kb / 13P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com