Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE88LC05 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # XE88LC05
Description  16 10 bit Data Acquisition Ultra Low-Power Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE88LC05 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button XE88LC05 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Data Acquisition Microcontroller
XE88LC05
7
D0109-40
5 Memory organization
The CPU uses a Harvard architecture, so that memory is organized in two separated fields:
program memory and data memory. As both memories are separated, the central processing
unit can read/write data at the same time it loads an instruction. Peripherals and system control
registers are mapped on data memory space.
Program memory is made in one page. Data is made of several 256 bytes pages.
5.1 Program memory
The program memory is implemented as Multiple Time Programmable (MTP) Flash memory
or ROM. The power consumption of MTP memory is linear with the access frequency (no sig-
nificant static current).
Size of the MTP Flash memory is 8192 x 22 bits (= 22 kBytes)
Size of the ROM memory is 6144 x 22 bits (= 17 kBytes)
5.2 Data memory
The data memory is implemented as static Random-Access Memory (RAM). The RAM size is
512 x 8 bits plus 8 low power RAM bytes that require very low current when addressed. Pro-
grams using the low-power RAM instead of RAM will use even less current.
block
size
address
MTP
8192 x 22
H0000 - H1FFF
ROM
6144 x 22
H0000 - H1BFF
Table 5.1:
Program addresses for MTP or ROM memory
block
size
address
LP RAM
8 x 8
H0000 - H0007
RAM
512 x 8
H0080 - H027F
Table 5.2:
RAM addresses
Figure 5.1:
Memory organization
CPU
Program
memory
LP RAM
Peripherals
RAM
22 bits wide
8 bits wide
CPU
registers
Instruction
pipeline
8k instructions MTP
512 Bytes
0h0000
0h1FFF / 01hBFF
0h0000
0h0010
0h0080
0h027F
or
6k instructions ROM


Similar Part No. - XE88LC05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI000 ETC1-XE88LC01MI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI027 ETC1-XE88LC01MI027 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI032 ETC1-XE88LC01MI032 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01RI000 ETC1-XE88LC01RI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
More results

Similar Description - XE88LC05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
Maxim Integrated Produc...
MAXQ7666 MAXIM-MAXQ7666 Datasheet
2Mb / 49P
   16-Bit, RISC, Microcontroller-Based, Smart Data-Acquisition System
Rev 0; 8/08
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com