Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE88LC05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # XE88LC05
Description  16 10 bit Data Acquisition Ultra Low-Power Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE88LC05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  XE88LC05 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE88LC05 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Data Acquisition Microcontroller
XE88LC05
4
D0109-40
2 Absolute maximum ratings
Stresses beyond these listed in this chapter may cause permanent damage to the device. No
functional operation is implied at or beyond these conditions. Exposure to these conditions for
an extended period may affect the device reliability.
Note:
1) For unprogrammed MTP devices. Blocking bits and software must be rewritten in MTP de-
vices if storage temperature exceedes storage temperature for programmed devices.
These devices are ESD sensitive. Although these devices feature proprietary ESD protection
structures, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Proper ESD precautions have to be taken to avoid performance degradation or
loss of functionality.
Parameter
Value
Remarks
VBAT with respect to VSS
-0.3V to 6.0V
Input voltage on any input pin
VSS-0.3V to VBAT+0.3V
Storage temperature
-55
°Cto 125°C1
Storage temperature for programmed MTP devices
-40
°Cto 85°C1
Table 2.1:
Absolute maximum ratings


Similar Part No. - XE88LC05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI000 ETC1-XE88LC01MI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI027 ETC1-XE88LC01MI027 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01MI032 ETC1-XE88LC01MI032 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC01RI000 ETC1-XE88LC01RI000 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
More results

Similar Description - XE88LC05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
   Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
ML620Q503 ETC2-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
LAPIS Semiconductor Co....
ML620Q503 LAPIS-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
List of Unclassifed Man...
ML620Q536 ETC2-ML620Q536 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q538 ETC2-ML620Q538 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
ML620Q546 ETC2-ML620Q546 Datasheet
628Kb / 9P
   Ultra Low Power 16-bit Microcontroller
logo
Rohm
ML620Q503 ROHM-ML620Q503 Datasheet
914Kb / 34P
   Ultra Low Power 16-bit Microcontroller
logo
Maxim Integrated Produc...
MAXQ7666 MAXIM-MAXQ7666 Datasheet
2Mb / 49P
   16-Bit, RISC, Microcontroller-Based, Smart Data-Acquisition System
Rev 0; 8/08
MAXQ7665A MAXIM-MAXQ7665A Datasheet
480Kb / 47P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
Rev 1; 10/08
MAXQ7665 MAXIM-MAXQ7665 Datasheet
4Mb / 48P
   16-Bit RISC Microcontroller-Based Smart Data-Acquisition Systems
19-3217; Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com