Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM64P155 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM64P155
Description  4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64P155 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM64P155 Datasheet HTML 2Page - OKI electronic componets MSM64P155 Datasheet HTML 3Page - OKI electronic componets MSM64P155 Datasheet HTML 4Page - OKI electronic componets MSM64P155 Datasheet HTML 5Page - OKI electronic componets MSM64P155 Datasheet HTML 6Page - OKI electronic componets MSM64P155 Datasheet HTML 7Page - OKI electronic componets MSM64P155 Datasheet HTML 8Page - OKI electronic componets MSM64P155 Datasheet HTML 9Page - OKI electronic componets MSM64P155 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
MSM64P155/64P155L
¡ Semiconductor
6/29
Basic Functions (continued)
I
Ports
4-bit input port (port 2) :
Select between pull-down resistor input and high impedance input
for each bit with the port 2 control register (P2CON).
When configured for secondary functions, an external interrupt and
capture circuit trigger input are allocated.
If P2.0 to P2.3 are set to "H" level, the device enters system reset
mode.
8
7
6
10
9
I
2-bit input port (port 3) :
Select between pull-down resistor input and high impedance input
with the port 3 control register (P3CON).
When configured for a secondary function, an external interrupt is
allocated to P3.0 and an event counter is allocated to P3.1.
5
O
4-bit output port (port 4) :
4-bit CMOS output port.
14
13
12
11
I/O
4-bit input-output port (port 6) :
Select between input and output, between pull-down resistor input
and high impedance input, and between open-drain output and CMOS
output with the port 6 control register (P6CON). When configured
for a secondary function, an external interrupt is allocated.
18
17
16
15
I/O
4-bit input-output port (port 7) :
Select between input and output, between pull-down resistor input
and high impedance input, and between open-drain output and CMOS
output with the port 7 control register (P7CON). When configured for
a secondary function, an external interrupt is allocated.
22
21
19
Melody
Drivers
O
Output pin of melody driver 0.
25
O
Inverted output pin of MD0 output.
24
O
Output pin of melody driver 1.
26
O
Inverted output pin of MD1 output.
27
O
LCD common signal output pins.
95
94
93
92
LCD
Drivers
O
O
O
Pin
Description
Type
Function
P2.0
P2.1
P2.2
P3.0
P3.1
P2.3
P4.0
P4.1
P4.2
P4.3
P6.0
P6.1
P6.2
P6.3
P7.0
P7.1
P7.3
MD0
MD0
MD1
MD1
COM1
COM2
COM3
COM4
Symbol
20
P7.2


Similar Part No. - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64P164 OKI-MSM64P164 Datasheet
267Kb / 37P
   4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
More results

Similar Description - MSM64P155

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM6051 OKI-MSM6051 Datasheet
91Kb / 7P
   Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com