Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470T3354CZ0-CD5 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # M470T3354CZ0-CD5
Description  DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T3354CZ0-CD5 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button M470T3354CZ0-CD5 Datasheet HTML 5Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 6Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 7Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 8Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 9Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 10Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 11Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 12Page - Samsung semiconductor M470T3354CZ0-CD5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
VDDQ
VIH(AC) min
VIH(DC) min
VREF
VIL(DC) max
VIL(AC) max
VSS
< AC Input Test Signal Waveform >
VSWING(MAX)
delta TR
delta TF
VREF - VIL(AC) max
delta TF
Falling Slew =
Rising Slew =
VIH(AC) min - VREF
delta TR
Operating Temperature Condition
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to
JESD51.2 standard.
2. At 85 - 95
°C operation temperature range, doubling refresh commands in frequency to a 32ms period ( tREFI=3.9 us ) is required, and to enter to
self refresh mode at this temperature range, an EMRS command is required to change internal refresh rate.
Input DC Logic Level
Input AC Logic Level
AC Input Test Conditions
Notes:
1. Input waveform timing is referenced to the input signal crossing through the VIH/IL(AC) level applied to the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(AC) min for rising edges and the range from VREF to VIL(AC)
max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive transitions and VIH(AC) to VIL(AC) on the negative
transitions.
Symbol
Parameter
Rating
Units
Notes
TOPER
Operating Temperature
0 to 95
°C
1, 2, 3
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(DC)
DC input logic high
VREF + 0.125
VDDQ + 0.3
V
VIL(DC)
DC input logic low
- 0.3
VREF - 0.125
V
Symbol
Parameter
DDR2-400, DDR2-533
DDR2-667, DDR2-800
Units
Min.
Max.
Min.
Max.
VIH (ac)
ac input logic high
VREF + 0.250
-
VREF + 0.200
V
VIL (ac)
ac input logic low
-
VREF - 0.250
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3


Similar Part No. - M470T3354CZ0-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T3354CZ0-CD6 SAMSUNG-M470T3354CZ0-CD6 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
More results

Similar Description - M470T3354CZ0-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
M470L6423EN SAMSUNG-M470L6423EN Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Samsung semiconductor
M470L6423CK0 SAMSUNG-M470L6423CK0 Datasheet
116Kb / 14P
   512MB DDR SDRAM MODULE (64Mx64 based on DDP 64Mx 8 DDR SDRAM) 200pin SODIMM 64bit Non-ECC/Parity
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com