Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470T6554CZ3-CD5 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M470T6554CZ3-CD5
Description  DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 512Mb C-die 64bit Non-ECC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T6554CZ3-CD5 Datasheet(HTML) 3 Page - Samsung semiconductor

  M470T6554CZ3-CD5 Datasheet HTML 1Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 2Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 3Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 4Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 5Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 6Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 7Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 8Page - Samsung semiconductor M470T6554CZ3-CD5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Rev. 1.2 Aug. 2005
256MB, 512MB, 1GB Unbuffered SODIMMs
DDR2 SDRAM
Pin Configurations (Front side/Back side)
Note : NC = No Connect; NC, TEST(pin 163)is for bus analysis tool and is not connected on normal memory modules.
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
Pin
Front
Pin
Back
1
VREF
2
VSS
51
DQS2
52
DM2
101
A1
102
A0
151
DQ42
152
DQ46
3
VSS
4DQ4
53
VSS
54
VSS
103
VDD
104
VDD
153
DQ43
154
DQ47
5
DQ0
6
DQ5
55
DQ18
56
DQ22
105
A10/AP
106
BA1
155
VSS
156
VSS
7DQ1
8
VSS
57
DQ19
58
DQ23
107
BA0
108
RAS
157
DQ48
158
DQ52
9
VSS
10
DM0
59
VSS
60
VSS
109
WE
110
S0
159
DQ49
160
DQ53
11
DQS012
VSS
61
DQ24
62
DQ28
111
VDD
112
VDD
161
VSS
162
VSS
13
DQS0
14
DQ6
63
DQ25
64
DQ29
113
CAS
114
ODT0
163
NC, TEST
164
CK1
15
VSS
16
DQ7
65
VSS
66
VSS
115
NC/S1
116
A13
165
VSS
166
CK1
17
DQ2
18
VSS
67
DM3
68
DQS3117
VDD
118
VDD
167
DQS6168
VSS
19
DQ3
20
DQ12
69
NC
70
DQS3
119
NC/ODT1
120
NC
169
DQS6
170
DM6
21
VSS
22
DQ13
71
VSS
72
VSS
121
VSS
122
VSS
171
VSS
172
VSS
23
DQ8
24
VSS
73
DQ26
74
DQ30
123
DQ32
124
DQ36
173
DQ50
174
DQ54
25
DQ9
26
DM1
75
DQ27
76
DQ31
125
DQ33
126
DQ37
175
DQ51
176
DQ55
27
VSS
28
VSS
77
VSS
78
VSS
127
VSS
128
VSS
177
VSS
178
VSS
29
DQS1
30
CK0
79
CKE0
80
NC/CKE1
129
DQS4
130
DM4
179
DQ56
180
DQ60
31
DQS1
32
CK081
VDD
82
VDD
131
DQS4
132
VSS
181
DQ57
182
DQ61
33
VSS
34
VSS
83
NC
84
NC
133
VSS
134
DQ38
183
VSS
184
VSS
35
DQ10
36
DQ14
85
BA2
86
NC
135
DQ34
136
DQ39
185
DM7
186
DQS7
37
DQ11
38
DQ15
87
VDD
88
VDD
137
DQ35
138
VSS
187
VSS
188
DQS7
39
VSS
40
VSS
89
A12
90
A11
139
VSS
140
DQ44
189
DQ58
190
VSS
41
VSS
42
VSS
91
A9
92
A7
141
DQ40
142
DQ45
191
DQ59
192
DQ62
43
DQ16
44
DQ20
93
A8
94
A6
143
DQ41
144
VSS
193
VSS
194
DQ63
45
DQ17
46
DQ21
95
VDD
96
VDD
145
VSS
146
DQS5195
SDA
196
VSS
47
VSS
48
VSS
97
A5
98
A4
147
DM5
148
DQS5
197
SCL
198
SA0
49
DQS2
50
NC
99
A3
100
A2
149
VSS
150
VSS
199
VDDSPD
200
SA1
Pin Description
Pin Name
Function
Pin Name
Function
CK0,CK1
Clock Inputs, positive line
SDA
SPD Data Input/Output
CK0,CK1
Clock Inputs, negative line
SA1,SA0
SPD address
CKE0,CKE1
Clock Enables
DQ0~DQ63
Data Input/Output
RAS
Row Address Strobe
DM0~DM7
Data Masks
CAS
Column Address Strobe
DQS0~DQS7
Data strobes
WE
Write Enable
DQS0~DQS7
Data strobes complement
S0,S1
Chip Selects
TEST
Logic Analyzer specific test pin
(No connect on So-DIMM)
A0~A9, A11~A13
Address Inputs
VDD
Core and I/O Power
A10/AP
Address Input/Autoprecharge
VSS
Ground
BA0,BA1
SDRAM Bank Address
VREF
Input/Output Reference
ODT0,ODT1
On-die termination control
VDDSPD
SPD Power
SCL
Serial Presence Detect(SPD) Clock Input
NC
Spare pins, No connect


Similar Part No. - M470T6554CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T6554CZ0-CC SAMSUNG-M470T6554CZ0-CC Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T6554CZ0-CD6 SAMSUNG-M470T6554CZ0-CD6 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T6554CZ0-D5 SAMSUNG-M470T6554CZ0-D5 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M470T6554CZ0-E6 SAMSUNG-M470T6554CZ0-E6 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
More results

Similar Description - M470T6554CZ3-CD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2953BY0 SAMSUNG-M470T2953BY0 Datasheet
328Kb / 19P
   200pin Unbuffered SODIMM based on 512Mb B-die 64bit Non-ECC
M470T6464AZ3 SAMSUNG-M470T6464AZ3 Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
M470L6423EN SAMSUNG-M470L6423EN Datasheet
145Kb / 13P
   512MB Unbuffered SODIMM(based on sTSOP)
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
logo
List of Unclassifed Man...
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
VL-MM8-1SBN ETC2-VL-MM8-1SBN Datasheet
187Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Samsung semiconductor
M470L6423CK0 SAMSUNG-M470L6423CK0 Datasheet
116Kb / 14P
   512MB DDR SDRAM MODULE (64Mx64 based on DDP 64Mx 8 DDR SDRAM) 200pin SODIMM 64bit Non-ECC/Parity
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com