Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16257S-35KI Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC41C16257S-35KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16257S-35KI Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC41C16257S-35KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 12Page - Integrated Circuit Solution Inc IC41C16257S-35KI Datasheet HTML 13Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IC41C16257/IC41C16257S
IC41LV16257/IC41LV16257S
Integrated Circuit Solution Inc.
9
DR021-0A 08/11/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-35
-50
-60
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Units
tACH
Column-Address Setup Time to
CAS
15
15
15
ns
Precharge during WRITE Cycle
tOEH
OE Hold Time from WE during
8
10
15
ns
READ-MODIFY-WRITE cycle(18)
tDS
Data-In Setup Time(15, 22)
0
0
0
ns
tDH
Data-In Hold Time(15, 22)
6
8
10
ns
tRWC
READ-MODIFY-WRITE Cycle Time
80
125
140
ns
tRWD
RAS to WE Delay Time during
45
70
80
ns
READ-MODIFY-WRITE Cycle(14)
tCWD
CAS to WE Delay Time(14, 20)
25
34
36
ns
tAWD
Column-Address to
WE Delay Time(14)
30
42
49
ns
tPC
Fast Page Mode READ or WRITE
12
20
25
ns
Cycle Time(24)
tRASP
Fast Page Mode
RAS Pulse Width
35
100K
50
100K
60
100K
ns
tCPA
Access Time from
CAS Precharge(15)
21
—27
34
ns
tPRWC
Fast Page Mode READ-WRITE Cycle Time(24) 40
47
56
ns
tOFF
Output Buffer Turn-Off Delay from
3
15
3
15
3
15
ns
CAS or RAS(13,15,19, 29)
tCLCH
Last
CAS going LOW to First CAS
10
10
10
ns
returning HIGH(23)
tCSR
CAS Setup Time (CBR REFRESH)(30, 20)
8
10
10
ns
tCHR
CAS Hold Time (CBR REFRESH)(30, 21)
8
10
10
ns
tORD
OE Setup Time prior to RAS during
0
0
0
ns
HIDDEN REFRESH Cycle
tREF
Refresh Period (512 Cycles)
8
8
8ms
tT
Transition Time (Rise or Fall)(2, 3)
150
1
50
150
ns
AC TEST CONDITIONS
Output load:
Two TTL Loads and 50 pF (Vcc = 5.0V ±10%)
One TTL Load and 50 pF (Vcc = 3.3V ±10%)
Input timing reference levels: VIH = 2.4V, VIL = 0.8V (Vcc = 5.0V ±10%);
VIH = 2.0V, VIL = 0.8V (Vcc = 3.3V ±10%)
Output timing reference levels: VOH = 2.0V, VOL = 0.8V (Vcc = 5V ±10%, 3.3V ±10%)


Similar Part No. - IC41C16257S-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25K ICSI-IC41C16256-25K Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KG ICSI-IC41C16256-25KG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KI ICSI-IC41C16256-25KI Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41C16256-25KIG ICSI-IC41C16256-25KIG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41C16257S-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com