Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16257-35KI Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41LV16257-35KI
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16257-35KI Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41LV16257-35KI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41LV16257-35KI Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IC41C16257/IC41C16257S
IC41LV16257/IC41LV16257S
8
Integrated Circuit Solution Inc.
DR021-0A 08/11/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-35
-50
-60
Symbol Parameter
Min. Max.
Min. Max.
Min. Max.
Units
tRC
Random READ or WRITE Cycle Time
60
—90
110
ns
tRAC
Access Time from
RAS(6, 7)
35
—50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
10
—14
15
ns
tAA
Access Time from Column-Address(6)
18
—25
30
ns
tRAS
RAS Pulse Width
35
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
20
30
40
ns
tCAS
CAS Pulse Width(26)
6
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
5
8
10
ns
tCSH
CAS Hold Time (21)
35
50
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
11
28
19
36
20
45
ns
tASR
Row-Address Setup Time
0
0
0
ns
tRAH
Row-Address Hold Time
6
8
10
ns
tASC
Column-Address Setup Time(20)
0
0
0
ns
tCAH
Column-Address Hold Time(20)
6
8
10
ns
tAR
Column-Address Hold Time
30
40
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
12
20
14
25
15
30
ns
tRAL
Column-Address to
RAS Lead Time
18
25
30
ns
tRPC
RAS to CAS Precharge Time
0
—0
0
ns
tRSH
RAS Hold Time(27)
8
14
15
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3
3
3
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
5
ns
tOD
Output Disable Time(19, 28, 29)
315
3
15
315
ns
tOE
Output Enable Time(15, 16)
10
15
15
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
0
ns
tRRH
Read Command Hold Time
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5
8
10
ns
tWCR
Write Command Hold Time
30
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
5
8
10
ns
tRWL
Write Command to
RAS Lead Time(17)
8
14
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
8
14
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)30
40
45
ns
(Continued)


Similar Part No. - IC41LV16257-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16256 ICSI-IC41LV16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35K ICSI-IC41LV16256-35K Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KG ICSI-IC41LV16256-35KG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KI ICSI-IC41LV16256-35KI Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
IC41LV16256-35KIG ICSI-IC41LV16256-35KIG Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IC41LV16257-35KI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
41C16257 ISSI-41C16257 Datasheet
160Kb / 17P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16257B ISSI-IS41LV16257B Datasheet
129Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Integrated Silicon Solu...
IS41C4405X ISSI-IS41C4405X Datasheet
138Kb / 17P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com