Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6422 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6422
Description  High speed and Simple 4-Bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6422 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6422 Datasheet HTML 2Page - OKI electronic componets MSM6422 Datasheet HTML 3Page - OKI electronic componets MSM6422 Datasheet HTML 4Page - OKI electronic componets MSM6422 Datasheet HTML 5Page - OKI electronic componets MSM6422 Datasheet HTML 6Page - OKI electronic componets MSM6422 Datasheet HTML 7Page - OKI electronic componets MSM6422 Datasheet HTML 8Page - OKI electronic componets MSM6422 Datasheet HTML 9Page - OKI electronic componets MSM6422 Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
MSM6422
¡ Semiconductor
(Unit : mm)
PACKAGE DIMENSIONS
DIP24-P-600-2.54
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5 mm or more
3.55 TYP.


Similar Part No. - MSM6422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6404 OKI-MSM6404 Datasheet
200Kb / 25P
   High speed and High performance 4-Bit Microcontroller
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
   High speed and High performance 4-Bit Microcontroller
MSM6404VS OKI-MSM6404VS Datasheet
200Kb / 25P
   High speed and High performance 4-Bit Microcontroller
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
   High speed and High performance 4-Bit Microcontroller
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
   High speed and Simple 4-Bit Microcontroller
More results

Similar Description - MSM6422

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6411A OKI-MSM6411A Datasheet
86Kb / 11P
   High speed and Simple 4-Bit Microcontroller
MSM6408 OKI-MSM6408 Datasheet
147Kb / 19P
   High speed and High performance 4-Bit Microcontroller
MSM6404A OKI-MSM6404A Datasheet
200Kb / 25P
   High speed and High performance 4-Bit Microcontroller
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
   4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
   4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
   4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
   4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com