Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMPP-3892-TR2 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HMPP-3892-TR2
Description  MiniPak Surface Mount RF PIN Switch Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMPP-3892-TR2 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HMPP-3892-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HMPP-3892-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Agilent HMPP-389x Series
MiniPak Surface Mount
RF PIN Switch Diodes
Data Sheet
Description/Applications
These ultra-miniature products
represent the blending of Agilent
Technologies’ proven semiconduc-
tor and the latest in leadless
packaging technology.
The HMPP-389x series is optimized
for switching applications where
low resistance at low current and
low capacitance are required. The
MiniPak package offers reduced
parasitics when compared to
conventional leaded diodes, and
lower thermal resistance.
Features
• Surface mount MiniPak package
– low height, 0.7 mm (0.028") max.
– small footprint, 1.75 mm2
(0.0028 inch2)
• Better thermal conductivity for
higher power dissipation
• Single and dual versions
• Matched diodes for consistent
performance
• Low capacitance
• Low resistance at low current
• Low FIT (Failure in Time) rate*
• Six-sigma quality level
* For more information, see the Surface
Mount Schottky Reliability Data Sheet.
Pin Connections and
Package Marking
3
2
Product code
Date code
4
AA
1
Package Lead Code Identification
(Top View)
Single
3
2
4
1
#0
Anti-parallel
3
2
4
1
#2
Parallel
3
2
4
1
#5
Shunt Switch
3
2
4
1
T
Anode
Cathode
Cathode
Anode
Low junction capacitance of the
PIN diode chip, combined with
ultra low package parasitics, mean
that these products may be used
at frequencies which are higher
than the upper limit for conven-
tional PIN diodes.
Note that Agilent’s manufacturing
techniques assure that dice
packaged in pairs are taken from
adjacent sites on the wafer,
assuring the highest degree of
match.
The HMPP-389T low inductance
wide band shunt switch is well
suited for applications up to 6 GHz.
Notes:
1. Package marking provides orientation and
identification.
2. See “Electrical Specifications” for
appropriate package marking.


Similar Part No. - HMPP-3892-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
More results

Similar Description - HMPP-3892-TR2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HMPP-38X0 BOARDCOM-DEMO-HMPP-38X0 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3890 BOARDCOM-HMPP-3890 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3892 BOARDCOM-HMPP-3892 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3895 BOARDCOM-HMPP-3895 Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389X BOARDCOM-HMPP-389X Datasheet
1Mb / 14P
   MiniPak Surface Mount RF PIN Switch Diodes
DEMO-HMPP-389T BOARDCOM-DEMO-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-389T BOARDCOM-HMPP-389T Datasheet
285Kb / 12P
   MiniPak Surface Mount RF PIN Switch Diodes
HMPP-3860 BOARDCOM-HMPP-3860 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-3862 BOARDCOM-HMPP-3862 Datasheet
230Kb / 10P
   MiniPak Surface Mount RF PIN Diodes
HMPP-386X BOARDCOM-HMPP-386X Datasheet
5Mb / 11P
   MiniPak Surface Mount RF PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com