Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCMS-2904 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCMS-2904
Description  High Performance CMOS 5 x 7 Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCMS-2904 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCMS-2904 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCMS-2904 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Logic Supply Voltage, V
LOGIC to GNDLOGIC ....................... -0.3 V to 7.0 V
LED Supply Voltage, V
LED to GNDLED .............................. -0.3 V to 5.5 V
Input Voltage, Any Pin to GND .......................... -0.3 V to V
LOGIC +0.3 V
Free Air Operating Temperature Range T
A
[1] .................. -40
°C to +85°C
Relative Humidity (non-condensing) ............................................... 85%
Storage Temperature, T
S ................................................. -55°C to 100°C
Wave Solder Temperature
1.59 mm (0.063 in.) below Body ............................... 250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF (each pin) ............. Class 1, 0-1999 V
TOTAL Package Power Dissipation at T
A = 25°C
[2]
4 character ....................................................................... 1.2 W
8 character ....................................................................... 2.4 W
16 character ....................................................................... 4.8 W
Notes:
1. For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
HCMS-297x
Recommended Operating Conditions Over Temperature Range
(-40
°C to +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic Supply Voltage
V
LOGIC
3.0
5.0
5.5
V
LED Supply Voltage
V
LED
4.0
5.0
5.5
V
GND
LED to GNDLOGIC
-0.3
0
+0.3
V
PIN FUNCTION
ASSIGNMENT TABLE
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
8
7
6
5
4
3
2
1
XZ
COO
PIN # 1 IDENTIFIER
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.31
(0.209)
6.22
(0.245)
SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
42.93 (1.690) MAX.
2.67 (0.105) SYM.
5.36 (0.211) TYP.
11.43 (0.450) MAX.
2.54 (0.100) TYP.
0.25
(0.010)
7.62
(0.300)
3.71
(0.146)
TYP.
1.90
(0.075)
SYM.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN #
FUNCTION
4.57
(0.180)
TYP.
3
26
HCMS-297X
YYWW


Similar Part No. - HCMS-2904

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2904 AVAGO-HCMS-2904 Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-2904 HP-HCMS-2904 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2904 AVAGO-HCMS-2904 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-2904 BOARDCOM-HCMS-2904 Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
More results

Similar Description - HCMS-2904

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com