Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28405OCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28405OCT
Description  CK409-Compliant Clock Synthesizer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28405OCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28405OCT Datasheet HTML 1Page - Cypress Semiconductor CY28405OCT Datasheet HTML 2Page - Cypress Semiconductor CY28405OCT Datasheet HTML 3Page - Cypress Semiconductor CY28405OCT Datasheet HTML 4Page - Cypress Semiconductor CY28405OCT Datasheet HTML 5Page - Cypress Semiconductor CY28405OCT Datasheet HTML 6Page - Cypress Semiconductor CY28405OCT Datasheet HTML 7Page - Cypress Semiconductor CY28405OCT Datasheet HTML 8Page - Cypress Semiconductor CY28405OCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY28405
Document #: 38-07512 Rev. *B
Page 5 of 19
Table 4. Byte Read and Byte Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1Start
1Start
2:8
Slave address – 7 bits
2:8
Slave address – 7 bits
9
Write = 0
9
Write = 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation, bits[6:0] of
the command code represents the offset of the
byte to be accessed
11:18
Command Code – 8 bits
‘1xxxxxxx’ stands for byte operation, bits[6:0]
of the command code represents the offset of
the byte to be accessed
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master – 8 bits
20
Repeat start
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Byte 0: Control Register 0
Bit
@Pup
Name
Description
7
0
Reserved, Set= 0
6
1
PCIF
PCI
PCI Drive Strength Override
0 = Force All PCI and PCIF Outputs to Low Drive Strength
1= Force All PCI and PCIF Outputs to High Drive Strength
5
0
Reserved
Reserved, Set= 0
4
HW
FS_E
Power up latched value of FS_E pin
3
HW
FS_D
Power up latched value of FS_D pin
2
HW
FS_C
Power up latched value of FS_C pin
1
HW
FS_B
Power up latched value of FS_B pin
0
HW
FS_A
Power up latched value of FS_A pin
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
0
Reserved
Reserved, set = 0
6
1
Reserved
Reserved, set = 1
5
1
Reserved
Reserved, set = 1
4
1
Reserved
Reserved, set = 1
3
1
Reserved
Reserved, set = 1
2
1
CPUT_ITP, CPUC_ITP
CPUT/C_ITP Output Enable
0 = Disabled (three-state), 1 = Enabled
1
1
CPUT1, CPUC1
CPU(T/C)1 Output Enable,
0 = Disabled (three-state), 1 = Enabled
0
1
CPUT0, CPUC0
CPU(T/C)0 Output Enable
0 = Disabled (three-state), 1 = Enabled


Similar Part No. - CY28405OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405OCT SPECTRALINEAR-CY28405OCT Datasheet
197Kb / 18P
   CK409-Compliant Clock Synthesizer
More results

Similar Description - CY28405OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405 SPECTRALINEAR-CY28405 Datasheet
197Kb / 18P
   CK409-Compliant Clock Synthesizer
logo
Cypress Semiconductor
CY28404 CYPRESS-CY28404 Datasheet
268Kb / 20P
   CK409-COMPLIANT CLOCK SYNTHESIZER
logo
SpectraLinear Inc
CY28404 SPECTRALINEAR-CY28404 Datasheet
216Kb / 19P
   CK409-Compliant Clock Synthesizer
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
logo
Renesas Technology Corp
MK2716 RENESAS-MK2716 Datasheet
324Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com