Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1733-18CVBG Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1733-18CVBG
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-18CVBG Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1733-18CVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 10Page - Analog Intergrations Corporation AIC1733-18CVBG Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AIC1733
PHYSICAL DIMENSIONS
SOT-23-5 (unit: mm)
SYMBOL
MIN
MAX
A
0.95
1.45
A1
0.05
0.15
A2
0.90
1.30
b
0.30
0.50
c
0.08
0.22
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.60
L1
0.60 REF
E1
e1
D
E
e
A1
A
A2
b
0.25
L1
L
θ
c
θ
0
°
8
°
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any
circuitry other than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third parties
that may result from its use. We reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices or
systems are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and whose
failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
11


Similar Part No. - AIC1733-18CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-18CV AIC-AIC1733-18CV Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-18CVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com