Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1733-33PVTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1733-33PVTR
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-33PVTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1733-33PVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-33PVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC1733
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.................………………………………..…………………....................12V
Shutdown Terminal Voltage
..………………………………………………………..............12V
Noise Bypass Terminal Voltage
.…………………………….………………………..............5V
Operating Temperature Range
.………………………………………………….....-40ºC~85ºC
Maximum Junction Temperature
125
°C
Storage Temperature Range
................…………………………………….........-65ºC~150ºC
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (Junction to Case)
SOT-23-5 …....………..………..………..130
°C /W
Thermal Resistance Junction to Ambient
SOT-23-5 …....……..…………..………..220
°C /W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
3


Similar Part No. - AIC1733-33PVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-33PV AIC-AIC1733-33PV Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-33PVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com