Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1647PVTR Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1647PVTR
Description  WHITE LED STEP-UP CONVERTER IN SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1647PVTR Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1647PVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 9Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 10Page - Analog Intergrations Corporation AIC1647PVTR Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AIC1647
BLOCK DIAGRAM
CC
RS
RC
M1
FB
VIN
GND
SW
Internal
Soft Start
PWM/PFM
Control
95mV
VREF
+
-
Error
AMP.
SHDN
Driver
+
-
Current AMP
PWM
Control
Logic
1.2MHz
Oscillator
Slope
Compensation
-
+
Comparator
PIN DESCRIPTIONS
PIN 1: SW
- Switch
Pin.
Connect
inductor/diode here. Minimize
trace area at this pin to reduce
EMI.
PIN 2: GND
- Ground Pin. Tie directly to local
ground plane.
PIN 3: FB
- Feedback
Pin.
Reference
voltage
is
95mV.
Connect
cathode of lowest LED and
resistor here. Calculate resistor
value according to the formula:
RFB = 95mV/ILED
PIN 4: SHDN - Shutdown pin. Tie to higher than
1.5V to enable device, 0.3V or
less to disable device.
PIN 5: VIN
- Power input pin. Bypass VIN to
GND with a capacitor sitting as
close to VIN as possible.
7


Similar Part No. - AIC1647PVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CN AIC-AIC1640-30CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-30CS AIC-AIC1640-30CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CN AIC-AIC1640-33CN Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
AIC1640-33CS AIC-AIC1640-33CS Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
More results

Similar Description - AIC1647PVTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com