Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P6M Datasheet(PDF) 5 Page - NEC

Part # 5P6M
Description  2A PLASTIC MOLDED THYRISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P6M Datasheet(HTML) 5 Page - NEC

  5P6M Datasheet HTML 1Page - NEC 5P6M Datasheet HTML 2Page - NEC 5P6M Datasheet HTML 3Page - NEC 5P6M Datasheet HTML 4Page - NEC 5P6M Datasheet HTML 5Page - NEC 5P6M Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


Similar Part No. - 5P6M

ManufacturerPart #DatasheetDescription
logo
NEC
5P6M NEC-5P6M Datasheet
414Kb / 4P
   5A(8 Ar.m.s) Thyristor
logo
Tiger Electronic Co.,Lt...
5P6M TGS-5P6M Datasheet
130Kb / 1P
   Triacs sensitive gate
logo
HAOPIN MICROELECTRONICS...
5P6M HAOPIN-5P6M Datasheet
301Kb / 5P
   Blocking voltage to 600 V
More results

Similar Description - 5P6M

ManufacturerPart #DatasheetDescription
logo
NEC
2P4M NEC-2P4M Datasheet
396Kb / 1P
   2A PLASTIC MOLDED THYRISTOR
logo
Inchange Semiconductor ...
2P4M ISC-2P4M Datasheet
122Kb / 1P
   PLASTIC MOLDED THYRISTOR
logo
NEC
2V5P4M NEC-2V5P4M Datasheet
653Kb / 6P
   2.5 A PLASTIC MOLDED THYRISTOR
logo
Renesas Technology Corp
CR2AS-16A RENESAS-CR2AS-16A Datasheet
475Kb / 7P
   800V - 2A - Thyristor
May. 10, 2019
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
   400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
   400V - 2A - Thyristor
Dec 24, 2014
CR2AS-8UE RENESAS-CR2AS-8UE_15 Datasheet
138Kb / 6P
   400V - 2A ??Thyristor Low Power Use
CR2PM-8UE RENESAS-CR2PM-8UE_15 Datasheet
289Kb / 6P
   400V - 2A - Thyristor Low Power Use
CR2AS-16A RENESAS-CR2AS-16A_15 Datasheet
136Kb / 7P
   800V ??2A -Thyristor Medium Power Use
logo
Frontier Electronics.
GP20-005-LFR FRONTIER-GP20-005-LFR Datasheet
121Kb / 2P
   2A GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com