Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY30 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CY30
Description  Sensor interface for an inductive engine wheel speed single rotation sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CY30 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CY30 Datasheet HTML 1Page - List of Unclassifed Manufacturers CY30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
©1/2004 All rights reserved by Robert Bosch GmbH including the right to file industrial property rights
page 2
Robert Bosch GmbH retains the sole powers of distribution, such as reproduction, copying and distribution.
preliminary
DETAILED DESCRIPTION
The inductive-sensor signal applied to DGP and DGN is
raised by an internal voltage divider to a bias voltage of
approximately 2.5 V . An internal clamp structure limits the
voltage at DGP / DGN between - 0.7 V and VDD5 + 0.7 V
typically. The inductive sensor signal is then fed to the
internal comparators. With a positive inductive sensor signal
which exceeds the positive threshold, the output signal NBM
is set to High ( corresponds to preparing for the negative
zero crossing ). The analog glitch filter suppresses short
disturbance pulses smaller than 3
µs. The NBM signal is
reset to low at the negative zero crossing.
APPLICATION CIRCUIT
The resistor network is necessary for sensor adapting.
Contact
Robert Bosch GmbH
Automotive Electronics
AE / VKF Sales Components
Postfach 1342
D-72703 Reutlingen
Germany
Phone: +49 (0) 7121 / 35-2179
E-Mail: bosch.semiconductors@de.bosch.com
Datasheet_CY30.doc Rev. 3
DGN
CONF_K
VDD5
NBM
CONF_TH
GND
DGP
AMP
VDDx
µC


Similar Part No. - CY30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY300 ETC1-CY300 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Cypress Semiconductor
CY30700 CYPRESS-CY30700 Datasheet
98Kb / 4P
   Licorice Board
CY30701 CYPRESS-CY30701 Datasheet
86Kb / 4P
   Peppermint Board
CY30703 CYPRESS-CY30703 Datasheet
69Kb / 4P
   Demonstrates CY27EE16 capabilities
CY3093 CYPRESS-CY3093 Datasheet
209Kb / 4P
   FTG Programming Kit
More results

Similar Description - CY30

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22157 AD-AD22157_15 Datasheet
845Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV. PrA
AD22157 AD-AD22157 Datasheet
283Kb / 7P
   Wheel Speed Sensor For ABS Systems
REV.PrA
logo
TE Connectivity Ltd
CAT-ATS0005 TEC-CAT-ATS0005 Datasheet
97Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 1
CAT-ATS0006 TEC-CAT-ATS0006 Datasheet
96Kb / 1P
   WHEEL SPEED SENSOR ??OPTION 2
logo
Infineon Technologies A...
TLE5041PLUSC INFINEON-TLE5041PLUSC Datasheet
2Mb / 30P
   iGMR based Wheel Speed Sensor
V 1.2, 2018-01-18
logo
Allegro MicroSystems
A19200 ALLEGRO-A19200 Datasheet
984Kb / 12P
   ASIL-Compliant Wheel Speed Sensor IC
Rev. 2 April 11, 2022
ARS19200 ALLEGRO-ARS19200 Datasheet
646Kb / 11P
   ASIL-Compliant Wheel Speed Sensor IC
logo
Vishay Siliconix
POPR27 VISHAY-POPR27 Datasheet
122Kb / 5P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 04-Jan-17
POHR36 VISHAY-POHR36 Datasheet
262Kb / 11P
   Single-Turn Continuous Rotation Analog Displacement Sensor
Revision: 02-Mar-17
logo
Allegro MicroSystems
A19250 ALLEGRO-A19250 Datasheet
893Kb / 10P
   High Accuracy GMR Wheel Speed Sensor IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com