Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3627ER Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3627ER
Description  All Band Tuner IC with On-chip PLL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3627ER Datasheet(HTML) 1 Page - Sony Corporation

  CXA3627ER Datasheet HTML 1Page - Sony Corporation CXA3627ER Datasheet HTML 2Page - Sony Corporation CXA3627ER Datasheet HTML 3Page - Sony Corporation CXA3627ER Datasheet HTML 4Page - Sony Corporation CXA3627ER Datasheet HTML 5Page - Sony Corporation CXA3627ER Datasheet HTML 6Page - Sony Corporation CXA3627ER Datasheet HTML 7Page - Sony Corporation CXA3627ER Datasheet HTML 8Page - Sony Corporation CXA3627ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
– 1 –
E02846B45
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA3627ER
32 pin VQFN (Plastic)
Description
The CXA3627ER is a monolithic TV tuner IC which
integrates local oscillator and mixer circuits for VHF
band, local oscillator and mixer circuits for UHF
band, an IF amplifier and a tuning PLL onto a single
chip, enabling further miniaturization of the tuner by
adopting a small package.
Features
• Low power consumption (5V, 63mA typ.)
• Low noise figure, low distortion characteristics
• High gain/low gain selectable
• Supports IF double-tuned/adjacent channel trap
• Balanced oscillator circuits with excellent oscillation
stability
• On-chip PLL supports I2C bus
• On-chip high voltage drive transistor for charge
pump
• Frequency step selectable from 31.25, 50 or
62.5kHz (when using a 4MHz crystal)
• Low-phase noise synthesizer
• On-chip 4-output band switch (output voltage: 5V,
current capacity: 13mA)
• 32-pin VQFN small package
• UHF band switch output switchable
Applications
• TV tuners
• VCR tuners
• CATV tuners
Structure
Bipolar silicon monolithic IC
All Band Tuner IC with On-chip PLL
Absolute Maximum Ratings
• Supply voltage
VCC
–0.3 to +5.5
V
• Operating temperature
Topr
–25 to +75
°C
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
610
mW
Operating Conditions
Supply voltage
VCC
4.75 to 5.30
V
Note: This IC has pins whose electrostatic discharge strength is weak as the operating frequency is high
and the high-frequency process is used for this IC. Take care of handling the IC.


Similar Part No. - CXA3627ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

Similar Description - CXA3627ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com