Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA3627ER Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3627ER
Description  All Band Tuner IC with On-chip PLL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3627ER Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3627ER Datasheet HTML 4Page - Sony Corporation CXA3627ER Datasheet HTML 5Page - Sony Corporation CXA3627ER Datasheet HTML 6Page - Sony Corporation CXA3627ER Datasheet HTML 7Page - Sony Corporation CXA3627ER Datasheet HTML 8Page - Sony Corporation CXA3627ER Datasheet HTML 9Page - Sony Corporation CXA3627ER Datasheet HTML 10Page - Sony Corporation CXA3627ER Datasheet HTML 11Page - Sony Corporation CXA3627ER Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
– 8 –
CXA3627ER
Item
Symbol
∆fsw1
∆fsw2
∆fsw3
∆fsw4
∆fst1
∆fst2
∆fst3
∆fst4
C/N1
C/N2
Measurement conditions
VHF operation
fOSC = 100MHz
∆f from 3s to 3min after switch ON
VHF operation
fOSC = 405MHz
∆f from 3s to 3min after switch ON
UHF operation
fOSC = 405MHz
∆f from 3s to 3min after switch ON
UHF operation
fOSC = 845MHz
∆f from 3s to 3min after switch ON
VHF operation
fOSC = 100MHz
∆f when VCC 5V changes ±5%
VHF operation
fOSC = 405MHz
∆f when VCC 5V changes ±5%
UHF operation
fOSC = 405MHz
∆f when VCC 5V changes ±5%
UHF operation
fOSC = 845MHz
∆f when VCC 5V changes ±5%
VHF operation
10kHz offset CP = 1
Phase comparison frequency = 31.25kHz
UHF operation
10kHz offset CP = 1
Phase comparison frequency = 31.25kHz
Min.
Typ.
80
80
Max.
Unit
kHz
kHz
kHz
kHz
kHz
kHz
kHz
kHz
dBc/Hz
dBc/Hz
±200
±650
±350
±400
±100
±350
±100
±100
1 Value measured with untuned input.
2 NF meter direct-reading value (DSB measurement).
3 Value with a desired reception signal input level of –30dBm, an interference signal of 100kHz/30% AM,
and an interference signal level where S/I = 46dB measured with a spectrum analyzer.
4 Value when the PLL is not operating.
Switch ON drift
(PLL not
operating) ∗4
Supply voltage drift
(PLL not
operating) ∗4
Oscillator phase
noise


Similar Part No. - CXA3627ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results

Similar Description - CXA3627ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com