Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4J52324QC-BJ14 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4J52324QC-BJ14
Description  512Mbit GDDR3 SDRAM
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4J52324QC-BJ14 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4J52324QC-BJ14 Datasheet HTML 1Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 2Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 3Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 4Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 5Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 6Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 7Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 8Page - Samsung semiconductor K4J52324QC-BJ14 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
- 4 -
Rev 1.0 (Mar 2005)
512M GDDR3 SDRAM
K4J52324QC-B
• 2.0V + 0.1V power supply for device operation for -BJ**
• 2.0V + 0.1V power supply for I/O interface for -BJ**
• 1.8V + 0.1V power supply for device operation for -BC**
• 1.8V + 0.1V power supply for I/O interface for -BC**
• On-Die Termination (ODT)
• Output Driver Strength adjustment by EMRS
• Calibrated output drive
• 1.8V Pseudo Open drain compatible inputs/outputs
• 4 internal banks for concurrent operation
• Differential clock inputs (CK and CK)
• Commands entered on each positive CK edge
• CAS latency : 4, 5, 6, 7, 8, 9, 10, 11 (clock)
• Additive latency (AL): 0 and 1 (clock)
• Programmable Burst length : 4 and 8
• Programmable Write latency : 1, 2, 3, 4, 5, 6 and 7 (clock)
GENERAL DESCRIPTION
FEATURES
• Single ended READ strobe (RDQS) per byte
• Single ended WRITE strobe (WDQS) per byte
• RDQS edge-aligned with data for READs
• WDQS center-aligned with data for WRITEs
• Data Mask(DM) for masking WRITE data
• Auto & Self refresh modes
• Auto Precharge option
• 32ms, auto refresh (8K cycle)
• 136 Ball FBGA
• Maximum clock frequency up to 800MHz
• Maximum data rate up to 1.6Gbps/pin
• DLL for outputs
• Boundary scan function with SEN pin
• Mirror function with MF pin
2M x 32Bit x 8 Banks Graphic Double Data Rate 3 Synchronous DRAM
with Uni-directional Data Strobe
ORDERING INFORMATION
* K4J52324QC-A*** is leaded package part number
Part NO.
Max Freq.
Max Data Rate
VDD&VDDQ
Package
K4J52324QC-BJ12
800MHz
1.6Gbps/pin
2.0V+0.1V
136 Ball FBGA
K4J52324QC-BJ14
700MHz
1.4Gbps/pin
K4J52324QC-BC14
700MHz
1.4Gbps/pin
1.8V+0.1V
K4J52324QC-BC16
600MHz
1.2Gbps/pin
K4J52324QC-BC20
500MHz
1.0Gbps/pin
The K4J52324QC is 536,870,912 bits of hyper synchronous data rate Dynamic RAM organized as 8 x 2,097,152 words by
32 bits, fabricated with SAMSUNG’s high performance CMOS technology. Synchronous features with Data Strobe allow
extremely high performance up to 6.4GB/s/chip. I/O transactions are possible on both edges of the clock cycle. Range of
operating frequencies, and programmable latencies allow the device to be useful for a variety of high performance memory
system applications.
FOR 2M x 32Bit x 8 Bank GDDR3 SDRAM


Similar Part No. - K4J52324QC-BJ14

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4J52324KI SAMSUNG-K4J52324KI Datasheet
207Kb / 3P
   Graphic Memory
More results

Similar Description - K4J52324QC-BJ14

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
logo
Samsung semiconductor
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4J55323QG SAMSUNG-K4J55323QG Datasheet
1Mb / 53P
   256Mbit GDDR3 SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4S510732B SAMSUNG-K4S510732B Datasheet
104Kb / 11P
   Stacked 512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4S511632C SAMSUNG-K4S511632C Datasheet
135Kb / 11P
   DDP 512Mbit SDRAM
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
logo
Winbond
W641GG2JB WINBOND-W641GG2JB Datasheet
1Mb / 109P
   1-Gbit GDDR3 Graphics SDRAM
logo
Infineon Technologies A...
HYB25D512800BT INFINEON-HYB25D512800BT Datasheet
3Mb / 90P
   512Mbit Double Data Rate SDRAM
Rev. 1.2, June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com