Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P15D4818S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P15D4818S
Description  15W DC-DC Converter P15D-Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P15D4818S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P15D4818S Datasheet HTML 1Page - List of Unclassifed Manufacturers P15D4818S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15W DC-DC Converter P15D-Series
Specifications
Input
Voltage range
12 VDC, 9…18 VDC
24 VDC, 18…36 VDC
48 VDC, 36…72 VDC
Filter
Capacitors
Isolation:
Rated voltage
1500 VDC
Resistance
10
9
Capacitance
500 pF, typ.
Output
Voltage accuracy
± 1%, max
Voltage balance
(dual outputs)
± 1%
Ripple and noise
(at 20 MHz BW)
100 mVp-p, max
Short circuit protection
Continuous
Over load protection
130 %, typ.
Short circuit restart
Automatic
Line voltage regulation
± 0.5%, max.
Load voltage regulation
± 0.5%, max.
Temperature coefficient
± 0.02% / °C
Dimensions
Output ripple and noise reduction
Page 2 of 2
General
Efficiency
83..92 %
Switching frequency
200 kHz, typ.
Environmental
Operating temperatur
(ambient)
-40 °C to +85 °C
Case temperature
100 °C, max.
Storage temperature
-40 °C to +125 °C
Derating
None required
Humidity
Up to 90%,
non-condensing
Cooling
Free-air convection
Physical
Dimensions
50.80 x 25.40 x 10.16 mm
Weight
46.0 g
Case material
Nickel-coated copper metal
Life Support Policy
: HY-LINE does not authorize the use of any of its products for use in life support devices or systems
without the express written approval of an officer of the Company. Life support systems are devices which support or
sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the
labeling, can be reasonably expected to result in significant injury to the user.
Rev: 6 / 05f
Deutschland:
Schweiz:
Inselkammerstraße 10
Gründenstrasse 82
D-82008 Unterhaching
CH-8247 Flurlingen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
To reduce ripple and noise, it is recommended to use
1µF ceramic and a 10µF electrolytic capacitors to the
output
Scope
Load
+input +output
DC/DC -
Converter
-input
-output
+
DC Power
Source
-
All dimensions in mm (inches)
Tolerance ±0.25 mm (±0.01)
Stand offs
Bottom view
Common


Similar Part No. - P15D4818S

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15D4818S HY-LINE-P15D4818S Datasheet
1Mb / 5P
   15 W DC-DC Converter P15D-Series
Rev: 20180712 f
More results

Similar Description - P15D4818S

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P15D123R3S HY-LINE-P15D123R3S Datasheet
1Mb / 5P
   15 W DC-DC Converter P15D-Series
Rev: 20180712 f
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
HY-LINE Power Component...
P15C24S05 HY-LINE-P15C24S05 Datasheet
175Kb / 2P
   15W DC-DC Converter P15C-Series
Rev: 04 / 2005 f
P15B12S33 HY-LINE-P15B12S33 Datasheet
163Kb / 2P
   15W DC-DC Converter P15B-Series
Rev: 01 / 2005 f
logo
HY ELECTRONIC CORP.
P15C24S05 HY-P15C24S05 Datasheet
174Kb / 2P
   15W DC-DC Converter P15C-Series
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
logo
STMicroelectronics
GS15T5-52 STMICROELECTRONICS-GS15T5-52 Datasheet
60Kb / 2P
   15W DC-DC CONVERTER FOR ECL
June 1994
logo
Mean Well Enterprises C...
SD-15 MEANWELL-SD-15_11 Datasheet
265Kb / 2P
   15W Single Output DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com