Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ602-Z Datasheet(PDF) 1 Page - NEC

Part # 2SJ602-Z
Description  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ602-Z Datasheet(HTML) 1 Page - NEC

  2SJ602-Z Datasheet HTML 1Page - NEC 2SJ602-Z Datasheet HTML 2Page - NEC 2SJ602-Z Datasheet HTML 3Page - NEC 2SJ602-Z Datasheet HTML 4Page - NEC 2SJ602-Z Datasheet HTML 5Page - NEC 2SJ602-Z Datasheet HTML 6Page - NEC 2SJ602-Z Datasheet HTML 7Page - NEC 2SJ602-Z Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ602
SWITCHING
P-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D14647EJ3V0DS00 (3rd edition)
Date Published
July 2002 NS CP(K)
Printed in Japan
The mark 5 shows major revised points.
©
2000, 2001
DESCRIPTION
The 2SJ602 is P-channel MOS Field Effect Transistor designed
for solenoid, motor and lamp driver.
FEATURES
• Super low on-state resistance:
RDS(on)1 = 73 m
Ω MAX. (VGS = −10 V, ID = −10 A)
RDS(on)2 = 107 m
Ω MAX. (VGS = −4.0 V, ID = −10 A)
• Low input capacitance:
Ciss = 1300 pF TYP. (VDS =
−10 V, VGS = 0 V)
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−60
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m 20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
m 20
A
Drain Current (pulse)
Note1
ID(pulse)
m 50
A
Total Power Dissipation (TC = 25°C)
PT
40
W
Total Power Dissipation (TA = 25°C)
PT
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
−20
A
Single Avalanche Energy
Note2
EAS
40
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, VDD =
−30 V, RG = 25 Ω, VGS = −20 → 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ602
TO-220AB
2SJ602-S
TO-262
2SJ602-ZJ
TO-263
2SJ602-Z
TO-220SMD
Note
Note TO-220SMD package is produced only in
Japan
(TO-220AB)
(TO-262)
(TO-263, TO-220SMD)


Similar Part No. - 2SJ602-Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ602-Z RENESAS-2SJ602-Z Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
Guangdong Kexin Industr...
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Renesas Technology Corp
2SJ602-ZJ RENESAS-2SJ602-ZJ Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SJ602-Z

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com