Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24256-BRMW6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M24256-BRMW6
Description  256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BRMW6 Datasheet(HTML) 3 Page - STMicroelectronics

  M24256-BRMW6 Datasheet HTML 1Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 2Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 3Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 4Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 5Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 6Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 7Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 8Page - STMicroelectronics M24256-BRMW6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3/25
M24128-BW, M24128-BR, M24256-BW, M24256-BR
DC AND AC PARAMETERS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 8. Operating Conditions (M24128-BW, M24256-BW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 9. Operating Conditions (M24128-BR, M24256-BR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10. AC Measurement Conditions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.AC Measurement I/O Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 11. Input Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 12. DC Characteristics (M24128-BW, M24256-BW) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 13. DC Characteristics (M24128-BR, M24256-BR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 14. AC Characteristics ( M24128-BW, M24256-BW). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 15. AC Characteristics (M24128-BR, M24256-BR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 11.AC Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
PACKAGE MECHANICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 12.PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame, Package Outline . . . . . . . . . . . . . . . . . 19
Table 16. PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame, Package Mechanical Data . . . . . . . . . . 19
Figure 13.SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Outline . . . . 20
Table 17. SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width, Package Mechanical Data
20
Figure 14.SO8 wide – 8 lead Plastic Small Outline, 200 mils body width, Package Outline . . . . . . 21
Table 18. SO8 wide – 8 lead Plastic Small Outline, 200 mils body width, Package Mechanical Data
21
Figure 15.TSSOP8 – 8 lead Thin Shrink Small Outline, Package Outline . . . . . . . . . . . . . . . . . . . 22
Table 19. TSSOP8 – 8 lead Thin Shrink Small Outline, Package Mechanical Data . . . . . . . . . . . . 22
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 20. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 21. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24


Similar Part No. - M24256-BRMW6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24256-BRMW6G STMICROELECTRONICS-M24256-BRMW6G Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BRMW6P STMICROELECTRONICS-M24256-BRMW6P Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BRMW6TG STMICROELECTRONICS-M24256-BRMW6TG Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M24256-BRMW6TP STMICROELECTRONICS-M24256-BRMW6TP Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
More results

Similar Description - M24256-BRMW6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W Datasheet
265Kb / 31P
   512 Kbit and 256 Kbit Serial I2C bus EEPROM with three Chip Enable lines
M95128 STMICROELECTRONICS-M95128 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M24256-BF STMICROELECTRONICS-M24256-BF Datasheet
507Kb / 42P
   256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
M24256-B STMICROELECTRONICS-M24256-B Datasheet
172Kb / 19P
   256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
M24512-W STMICROELECTRONICS-M24512-W_08 Datasheet
321Kb / 35P
   512 Kbit and 256 Kbit serial I짼C bus EEPROM with three Chip Enable lines
logo
Catalyst Semiconductor
CAT24AC128 CATALYST-CAT24AC128 Datasheet
474Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
CAT24AC128 CATALYST-CAT24AC128_06 Datasheet
666Kb / 11P
   128kbit I2C Serial CMOS EEPROM With Three Chip Address Input Pins
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-A STMICROELECTRONICS-M24256-A Datasheet
176Kb / 20P
   256 Kbit Serial I C Bus EEPROM With Two Chip Enable Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com