Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVW5SG-GYHY-35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LVW5SG-GYHY-35
Description  Vorlaufige Daten Preliminary Data
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LVW5SG-GYHY-35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LVW5SG-GYHY-35 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVW5SG-GYHY-35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2003-10-29
4
LB W5SG, LV W5SG
* Einzelgruppen siehe Seite 5
Individual groups on page 5
Kennwerte
Characteristics
(
T
A =25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
LB
LV
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F =350 mA
λ
peak
465
501
nm
Dominantwellenlänge
5) Seite 14
Dominant wavelength
5) page 14
I
F =350 mA
λ
dom
470*
±6
503*
±6
nm
Spektrale Bandbreite bei 50 %
I
rel max
(typ.)
Spectral bandwidth at 50 %
I
rel max
I
F =350 mA
∆λ
25
30
nm
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
ϕ
120
120
Grad
deg.
Durchlassspannung
6) Seite 14
(min.)
Forward voltage
6) page 14
(typ.)
I
F = 350 mA
(max.)
V
F
V
F
V
F
3.1
3.8
4.0
3.1
3.8
4.0
V
V
V
Sperrstrom
Reverse current
(max.)
V
R =1.2 V
I
R
100
100
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
I
F =350 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.05
0.03
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F =350 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.04
0.05
nm/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F =350 mA; –10°C ≤ T ≤ 100°C
TC
V
– 5.0
– 3.6
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F =350 mA
η
opt
625
lm/W


Similar Part No. - LVW5SG-GYHY-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LVW5SG OSRAM-LVW5SG Datasheet
168Kb / 14P
   white SMD package, colorless clear
More results

Similar Description - LVW5SG-GYHY-35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LWW5SG ETC1-LWW5SG Datasheet
178Kb / 15P
   Vorlaufige Daten Preliminary Data
logo
OSRAM GmbH
LSGF971 OSRAM-LSGF971 Datasheet
63Kb / 7P
   Vorlaufige Daten / Preliminary Data
LGY870 OSRAM-LGY870 Datasheet
132Kb / 13P
   Vorlaufige Daten / Preliminary Data
LWV283 OSRAM-LWV283 Datasheet
521Kb / 15P
   White Hyper-Bright LED Vorlaufige Daten / Preliminary Data
LCWJNSH.PC-BRBT-5H7I-1 OSRAM-LCWJNSH.PC-BRBT-5H7I-1 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
LCW_JNSH.PC-203162 OSRAM-LCW_JNSH.PC-203162 Datasheet
2Mb / 21P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF6MR12W2M1B70 INFINEON-FF6MR12W2M1B70 Datasheet
536Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
logo
eupec GmbH
BSM35GB120DLC EUPEC-BSM35GB120DLC Datasheet
87Kb / 8P
   vorlafige Daten preliminary data
logo
OSRAM GmbH
LUWJNSH.EC-BRBT-5C8E-1 OSRAM-LUWJNSH.EC-BRBT-5C8E-1 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
logo
Infineon Technologies A...
FF11MR12W1M1B70 INFINEON-FF11MR12W1M1B70 Datasheet
514Kb / 8P
   Vorl채ufige Daten / Preliminary Data
datasheet V2.0 2020-05-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com