Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M48Z12-70PC1TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z12-70PC1TR
Description  5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z12-70PC1TR Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z12-70PC1TR Datasheet HTML 1Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 2Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 3Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 4Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 5Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 6Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 7Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 8Page - STMicroelectronics M48Z12-70PC1TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
M48Z02, M48Z12
SUMMARY DESCRIPTION
The M48Z02/12 ZEROPOWER® RAM is a 2K x 8
non-volatile static RAM which is pin and functional
compatible with the DS1220.
A special 24-pin, 600mil DIP CAPHAT™ package
houses the M48Z02/12 silicon with a long life lithi-
um button cell to form a highly integrated battery
backed-up memory solution.
The M48Z02/12 button cell has sufficient capacity
and storage life to maintain data functionality for
an accumulated time period of at least 10 years in
the absence of power over commercial operating
temperature range.
The M48Z02/12 is a non-volatile pin and function
equivalent to any JEDEC standard 2K x 8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special
WRITE timing or limitations on the number of
WRITEs that can be performed.
Figure 2. Logic Diagram
Table 1. Signal Names
Figure 3. DIP Connections
AI01186
11
A0-A10
W
DQ0-DQ7
VCC
M48Z02
M48Z12
G
VSS
8
E
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
WRITE Enable
VCC
Supply Voltage
VSS
Ground
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A10
A8
A9
DQ7
W
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
VCC
AI01187
M48Z02
M48Z12
8
1
2
3
4
5
6
7
9
10
11
12
16
15
24
23
22
21
20
19
18
17
14
13


Similar Part No. - M48Z12-70PC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z12-70PC1 STMICROELECTRONICS-M48Z12-70PC1 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z12-70PC1 STMICROELECTRONICS-M48Z12-70PC1 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48Z12-70PC1 STMICROELECTRONICS-M48Z12-70PC1 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results

Similar Description - M48Z12-70PC1TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
   16 Kbit 2Kb x 8 ZEROPOWER SRAM
M48Z02 STMICROELECTRONICS-M48Z02_07 Datasheet
178Kb / 20P
   5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_03 Datasheet
251Kb / 19P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER짰 SRAM
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
   5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
   256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
M48Z08 STMICROELECTRONICS-M48Z08 Datasheet
141Kb / 18P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58 Datasheet
133Kb / 17P
   64 Kbit 8Kb x 8 ZEROPOWER SRAM
March 1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
   3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
M48Z58 STMICROELECTRONICS-M48Z58_07 Datasheet
218Kb / 23P
   5V, 64Kbit (8Kbit x 8) ZEROPOWER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_06 Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com