Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM63184B Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM63184B
Description  4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM63184B Datasheet(HTML) 3 Page - OKI electronic componets

  MSM63184B Datasheet HTML 1Page - OKI electronic componets MSM63184B Datasheet HTML 2Page - OKI electronic componets MSM63184B Datasheet HTML 3Page - OKI electronic componets MSM63184B Datasheet HTML 4Page - OKI electronic componets MSM63184B Datasheet HTML 5Page - OKI electronic componets MSM63184B Datasheet HTML 6Page - OKI electronic componets MSM63184B Datasheet HTML 7Page - OKI electronic componets MSM63184B Datasheet HTML 8Page - OKI electronic componets MSM63184B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
¡ Semiconductor
MSM63184B
3/29
• Timers and counter
Watchdog timer ¥ 1
Overflows in 2 sec.
100 Hz timer ¥ 1
Measurable in steps of 1/100 sec.
15-bit time base counter ¥ 1
1, 2, 4, 8, 16, 32, 64, and 128 Hz signals can be read
• Shift register
Shift clock
: 1x or 1/2x system clock; external clock
Data length
: 8 bits
• Interrupt sources
External interrupt
: 3
Internal interrupt
: 7 (watchdog timer interrupt is a nonmask-
able interrupt)
• Operating voltage
When backup used
: 0.9 to 2.7 V
(Low-speed clock operating)
1.2 to 2.7 V
(Operating frequency: 300 to 500 kHz)
1.5 to 2.7 V
(Operating frequency: 200 kHz to 1 MHz)
When backup not used
: 1.8 to 5.5 V
(Operating frequency: 300 to 500 kHz)
2.2 to 5.5 V
(Operating frequency: 300 kHz to 1 MHz)
2.7 to 5.5 V
(Operating frequency: 200 kHz to 2 MHz)
• Package:
128-pin plastic QFP (QFP128-P-1420-0.50-K)
: (Product name: MSM63184B-xxxGS-K)
Chip
: (Product name: MSM63184B-xxx)
xxx indicates a code number.


Similar Part No. - MSM63184B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
More results

Similar Description - MSM63184B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM63184A OKI-MSM63184A Datasheet
284Kb / 30P
   4-Bit Microcontroller with Built-in 640-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63182A OKI-MSM63182A Datasheet
266Kb / 28P
   4-Bit Microcontroller with Built-in 512-Dot Matrix LCD Drivers, Operating at 0.9 V (Min.)
MSM63188A OKI-MSM63188A Datasheet
300Kb / 33P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit,Operating at 0.9 V (Min.)
ML63187 OKI-ML63187 Datasheet
301Kb / 36P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
ML63187B OKI-ML63187B Datasheet
244Kb / 36P
   4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
MSM63238 OKI-MSM63238 Datasheet
231Kb / 32P
   4-Bit Microcontroller with Built-in POCSAG Decoder and Melody Circuit, Operating at 0.9 V (Min.)
ML63512A OKI-ML63512A Datasheet
261Kb / 30P
   4-Bit Microcontroller with Built-in Level Detector, Melody Circuit, and Comparator,Operating at 0.9 V (Min.)
MSM6546 OKI-MSM6546 Datasheet
145Kb / 16P
   Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
MSM63P180 OKI-MSM63P180 Datasheet
214Kb / 35P
   4-Bit Microcontroller with Built-in 16K Word PROM and 1024-Dot Matrix LCD Drivers
ML63326 OKI-ML63326 Datasheet
77Kb / 4P
   4-Bit Microcontroller with built-in Voice Synthesis and 1024-Dot LCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com