Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM1431A Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM1431A
Description  ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM1431A Datasheet(HTML) 4 Page - New Japan Radio

  NJM1431A Datasheet HTML 1Page - New Japan Radio NJM1431A Datasheet HTML 2Page - New Japan Radio NJM1431A Datasheet HTML 3Page - New Japan Radio NJM1431A Datasheet HTML 4Page - New Japan Radio NJM1431A Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM1431A
- 4 -
Ver.2004-01-13
■TYPICAL CHARACTERISTICS
2.4
2.42
2.44
2.46
2.48
2.5
0.1
1
10
100
Reference Voltage vs. Cathode Current
(V
KA
=V
REF
, Ta=25oC)
Cathode Current I
K
(mA)
2.44
2.45
2.46
2.47
2.48
2.49
-50 -25
0
25
50 75 100 125 150
Ambient Temperature Ta (
oC)
Reference Voltage vs. Temperature
(V
KA
=V
REF
, I
K=10mA)
0
0.5
1
1.5
2
-50 -25
0
25
50 75 100 125 150
Ambient Temperature Ta (
oC)
Reference Input Current vs. Temperature
(I
K
=10mA, R1=10k
Ω, R2= )
2.44
2.45
2.46
2.47
2.48
2.49
010
20
30
40
Reference Voltage vs. Cathode Voltage
(I
K
=10mA, R1=Variable, R2=10k
Ω, Ta=25oC)
Cathode Voltage V
KA
(V)
0
20
40
60
80
100
0.01
0.1
1
10
Aunstable Operaion
Region
Safety Operating Boundary Condition
(V
KA
=V
REF
, C
OUT
=Ceramic Capacitor, Ta=25oC)
Output Capacitor C
OUT
(uF)
Stable
Operaion
Region
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
100
Dynamic Impedance
(I
K
=1 to 100mA, V
KA
=V
REF
, Ta=25oC)
Cathode Current Frequency f (kHz)
Note) Oscillation might occur while operating within the range
of safety curve.
So that, it is necessary to make ample margins by
taking considerations of fluctuation of the device.


Similar Part No. - NJM1431A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
More results

Similar Description - NJM1431A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2380 NJRC-NJM2380 Datasheet
223Kb / 5P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS6431G SSC-SS6431G Datasheet
263Kb / 11P
   Adjustable High-Precision Shunt Regulator
logo
New Japan Radio
NJM1431A NJRC-NJM1431A_10 Datasheet
116Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2820 NJRC-NJM2820 Datasheet
97Kb / 6P
   ADJUSTABLE HIGH PRECISION SHUNT REGULATOR
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com